Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM3S2BA-MU Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATSAM3S2BA-MU
Description  ARM-based Flash MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3S2BA-MU Datasheet(HTML) 5 Page - ATMEL Corporation

  ATSAM3S2BA-MU Datasheet HTML 1Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 2Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 3Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 4Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 5Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 6Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 7Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 8Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
5
6500CS–ATARM–24-Jan-11
SAM3S Summary
Figure 2-3.
SAM3S 48-pin Version Block Diagram
I/D
S
Voltage
Regulator
SPI
TC[0..2]
ADVREF
TIOA[0:2]
TIOB[0:2]
TCLK[0:2]
PDC
TWI0
PDC
TWCK0
TWD0
PWM
PDC
TF
TK
TD
RD
RK
RF
DDP
DDM
MPU
N
V
I
C
TWI1
PDC
TWCK1
TWD1
PWMH[0:3]
PWML[0:3]
PWMFI0
PDC
UART0
UART1
URXD0
UTXD0
URXD1
UTXD1
SSC
Peripheral
Bridge
PDC
PDC
2668
Bytes
FIFO
USB 2.0
Full
Speed
PDC
RXD0
TXD0
USART0
SCK0
RTS0
CTS0
PLLA
System Controller
WDT
RTT
OSC32K
SUPC
RSTC
8 GPBREG
3-20 MHz
Osc.
POR
RTC
RC 32k
SM
RC
12/8/4 M
PLLB
PMC
PIOA / PIOB
JTAG & Serial Wire
Flash
Unique
Identifier
Analog
Comparator
CRC Unit
ADC
Temp Sensor
ADVREF
NPCS0
NPCS1
NPCS2
NPCS3
MISO
MOSI
SPCK
Cortex-M3 Processor
Fmax 64 MHz
Timer Counter A
ROM
16 KBytes
TST
XIN
XOUT
XIN32
XOUT32
ERASE
VDDIO
VDDCORE
VDDPLL
PCK0-PCK2
In-Circuit Emulator
24-Bit
SysTick Counter
FLASH
256 KBytes
128 KBytes
64 KBytes
SRAM
48 KBytes
32 KBytes
16 KBytes
AD[0..7]
ADTRG
4-layer AHB Bus Matrix Fmax 64 MHz
PDC
Temp. Sensor
ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com