Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP-L Datasheet(PDF) 13 Page - Cree, Inc

Part # MP-L
Description  Cree® XLamp® MP-L EasyWhite™ LEDs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

MP-L Datasheet(HTML) 13 Page - Cree, Inc

Back Button MP-L Datasheet HTML 6Page - Cree, Inc MP-L Datasheet HTML 7Page - Cree, Inc MP-L Datasheet HTML 8Page - Cree, Inc MP-L Datasheet HTML 9Page - Cree, Inc MP-L Datasheet HTML 10Page - Cree, Inc MP-L Datasheet HTML 11Page - Cree, Inc MP-L Datasheet HTML 12Page - Cree, Inc MP-L Datasheet HTML 13Page - Cree, Inc MP-L Datasheet HTML 14Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
XLAMP MP-L EASYWHITE LEDS
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
13
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
13
taPe and reel
All dimensions in mm.
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
X°
±
.5 °
.XXX ±
.010
.XX ±
.03
.X
±
.06
FOR SHEET METAL PARTS ONLY
.XX ±
.01
.XXX ±
.005
X°
±
.5 °
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN INCHES
AND AFTER FINISH.
TOLERANCE UNLESS SPECIFIED:
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 313-5300
Fax (919) 313-5558
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUT THE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTANED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
SURFACE FINISH: 63
330
+.25
-.75
12.4
+1.0
-.5
MEASURED AT EDGE
16.4
+0.2
.0
MEASURED AT HUB
12.4
+.2
.0
MEASURED AT HUB
±.2
13.1
1.9±.4
±.4
21
60°
60°
1
/
1
0.500
A
2400-00009
REEL, 13" X 12MM, 3 PIECE SNAP
-
ANTI-STATIC HIPS
--
--
--
--
09/29/09
D. CRONIN
2400-00009
INDEX
QTY
ITEM
COMMENTS
1
1
2400-00009-CORE
2
2
2400-00009-REEL
REVISONS
REV
DESCRIPTION
BY
DATE
APP'D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com