Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP-L Datasheet(PDF) 2 Page - Cree, Inc

Part # MP-L
Description  Cree® XLamp® MP-L EasyWhite™ LEDs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

MP-L Datasheet(HTML) 2 Page - Cree, Inc

  MP-L Datasheet HTML 1Page - Cree, Inc MP-L Datasheet HTML 2Page - Cree, Inc MP-L Datasheet HTML 3Page - Cree, Inc MP-L Datasheet HTML 4Page - Cree, Inc MP-L Datasheet HTML 5Page - Cree, Inc MP-L Datasheet HTML 6Page - Cree, Inc MP-L Datasheet HTML 7Page - Cree, Inc MP-L Datasheet HTML 8Page - Cree, Inc MP-L Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
XLAMP MP-L EASYWHITE LEDS
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
2
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
2
Product characteristics
characteristics
unit
minimum
typical
maximum
Solder Point Temperature
°C
110
Viewing Angle (FWHM) - white
degrees
125
Temperature Coefficient of Voltage (per LED string)
mV/°C
-30
ESD Classification (HBM per Mil-Std-883D)
Class 2
Total Power, all strings @ 150 mA
W
11.3
Total Power, all strings @ 250 mA
W
19.9
DC Forward Current, per LeD string
mA
250
Reverse Current, per LeD string
mA
0.1
Forward Voltage @ 150 mA, per LED string
v
25.0
26.0
Forward Voltage @ 250 mA, per LED string
v
26.5
27.5
Moisture Sensitivity Level Rating (MSL)
MSL 2A
fluX characteristics @ 150 ma (t
J = 25°c)
The following table provides several base order codes for XLamp MP-L easyWhite LeDs. For additional order codes, as
well as a complete description of the order-code nomenclature, please reference pages 6 through 9 of this document.
color
cct
range
Base order codes
min luminous flux (lm)
order code
group
flux (lm)
easyWhite
4-Step
4,000 K
D0
900
MPLeZW-A1-0000-0000D040F
e0
1000
MPLeZW-A1-0000-0000e040F
3,500 K
B0
700
MPLEZW-A1-0000-0000B035F
C0
800
MPLEZW-A1-0000-0000C035F
3,000 K
B0
700
MPLeZW-A1-0000-0000B030F
C0
800
MPLeZW-A1-0000-0000C030F
2,700 K
B0
700
MPLeZW-A1-0000-0000B027F
C0
800
MPLeZW-A1-0000-0000C027F
color
cct
range
Base order codes
min luminous flux (lm)
order code
group
flux (lm)
easyWhite
2-Step
4,000 K
D0
900
MPLeZW-A1-0000-0000D040H
e0
1000
MPLeZW-A1-0000-0000e040H
3,500 K
B0
700
MPLEZW-A1-0000-0000B035H
C0
800
MPLEZW-A1-0000-0000C035H
3,000 K
B0
700
MPLeZW-A1-0000-0000B030H
C0
800
MPLeZW-A1-0000-0000C030H
2,700 K
B0
700
MPLeZW-A1-0000-0000B027H
C0
800
MPLeZW-A1-0000-0000C027H
Notes:
•
Cree maintains a tolerance of ±7% on
flux and power measurements.
•
Minimum CRI for easyWhite color temper-
atures 27F, 27H, 30F, 30H is 80.
•
Minimum CRI for easyWhite color temper-
atures 35F, 35H, 40F, 40H is 77.
•
Typical CRI for easyWhite color tempera-
tures 35F, 35H, 40F, 40H is 80.
•
Cree maintains a tolerance of ±2 on CRI
measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com