Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED805TR Datasheet(PDF) 8 Page - STMicroelectronics

Part # HVLED805TR
Description  Off-line LED driver with primary-sensing
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED805TR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button HVLED805TR Datasheet HTML 4Page - STMicroelectronics HVLED805TR Datasheet HTML 5Page - STMicroelectronics HVLED805TR Datasheet HTML 6Page - STMicroelectronics HVLED805TR Datasheet HTML 7Page - STMicroelectronics HVLED805TR Datasheet HTML 8Page - STMicroelectronics HVLED805TR Datasheet HTML 9Page - STMicroelectronics HVLED805TR Datasheet HTML 10Page - STMicroelectronics HVLED805TR Datasheet HTML 11Page - STMicroelectronics HVLED805TR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Pin connection
HVLED805
8/29
Doc ID 18077 Rev 1
Table 5.
Pin functions
N.
Name
Function
1, 2
SOURCE
Power section source and input to the PWM comparator. The current flowing in the MOSFET
is sensed through a resistor connected between the pin and GND. The resulting voltage is
compared with an internal reference (0.75V typ.) to determine MOSFET’s turn-off. The pin is
equipped with 250 ns blanking time after the gate-drive output goes high for improved noise
immunity. If a second comparison level located at 1V is exceeded the IC is stopped and
restarted after Vcc has dropped below 5V.
3VCC
Supply Voltage of the device. An electrolytic capacitor, connected between this pin and
ground, is initially charged by the internal high-voltage start-up generator; when the device is
running the same generator will keep it charged in case the voltage supplied by the auxiliary
winding is not sufficient. This feature is disabled in case a protection is tripped. Sometimes a
small bypass capacitor (100nF typ.) to GND might be useful to get a clean bias voltage for the
signal part of the IC.
4GND
Ground. Current return for both the signal part of the IC and the gate drive. All of the ground
connections of the bias components should be tied to a trace going to this pin and kept
separate from any pulsed current return.
5ILED
CC regulation loop reference voltage. An external capacitor will be connected between this
pin and GND. An internal circuit develops a voltage on this capacitor that is used as the
reference for the MOSFET’s peak drain current during CC regulation. The voltage is
automatically adjusted to keep the average output current constant.
6DMG
Transformer’s demagnetization sensing for quasi-resonant operation. Input/output voltage
monitor. A negative-going edge triggers MOSFET’s turn-on. The current sourced by the pin
during MOSFET’s ON-time is monitored to get an image of the input voltage to the converter,
in order to compensate the internal delay of the current sensing circuit and achieve a CC
regulation independent of the mains voltage. If this current does not exceed 50µA, either a
floating pin or an abnormally low input voltage is assumed, the device is stopped and
restarted after Vcc has dropped below 5V. Still, the pin voltage is sampled-and-held right at
the end of transformer’s demagnetization to get an accurate image of the output voltage to be
fed to the inverting input of the internal, transconductance-type, error amplifier, whose non-
inverting input is referenced to 2.5V. Please note that the maximum IDMG sunk/sourced
current has to not exceed ±2 mA (AMR) in all the Vin range conditions. No capacitor is
allowed between the pin and the auxiliary transformer.
7COMP
Output of the internal transconductance error amplifier. The compensation network will be
placed between this pin and GND to achieve stability and good dynamic performance of the
voltage control loop.
8-11
N.A
Not available. These pins must be left not connected
12
N.C
Not internally connected. Provision for clearance on the PCB to meet safety requirements.
13 to 16
DRAIN
Drain connection of the internal power section. The internal high-voltage start-up generator
sinks current from this pin as well. Pins connected to the internal metal frame to facilitate heat
dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com