Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED805TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # HVLED805TR
Description  Off-line LED driver with primary-sensing
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED805TR Datasheet(HTML) 1 Page - STMicroelectronics

  HVLED805TR Datasheet HTML 1Page - STMicroelectronics HVLED805TR Datasheet HTML 2Page - STMicroelectronics HVLED805TR Datasheet HTML 3Page - STMicroelectronics HVLED805TR Datasheet HTML 4Page - STMicroelectronics HVLED805TR Datasheet HTML 5Page - STMicroelectronics HVLED805TR Datasheet HTML 6Page - STMicroelectronics HVLED805TR Datasheet HTML 7Page - STMicroelectronics HVLED805TR Datasheet HTML 8Page - STMicroelectronics HVLED805TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
October 2010
Doc ID 18077 Rev 1
1/29
29
HVLED805
Off-line LED driver with primary-sensing
Features
■ 800 V, avalanche rugged internal power
MOSFET
■ 5% accuracy on constant LED output current
with primary control
■ Optocoupler not needed
■ Quasi-resonant (QR) zero voltage switching
(ZVS) operation
■ Internal HV start-up circuit
■ Open or short LED string management
■ Automatic self supply
■ Input voltage feed-forward for mains
independent cc regulation
Applications
■ AC-DC led driver applications
■ LED retrofit lamps (i.e. E27, GU10)
Table 1.
Device summary
Order codes
Package
Packaging
HVLED805
SO16N
Tube
HVLED805TR
Tape and reel
SO16N
Figure 1.
Application diagram
Rdmg
Rfb
...
Vin
HV start-up &
SUPPLY LOGIC
DE MAG
LOGIC
3.3V
Vref
1V
Vc
VCC
DMG
Rcomp
Cc omp
CLED
Rsens e
COMP
ILED
GND
SOURCE
DRAIN
LED
CONSTANT
CURRENT
REGULATION
DRIVING
LOGIC
OCP
CONSTANT
VOLTAGE
REGULATION
PROTECTION &
FEEDFORWARD
LOGIC
Vref
www.st.com


Similar Part No. - HVLED805TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HVLED807PF STMICROELECTRONICS-HVLED807PF Datasheet
1Mb / 36P
Offline LED driver with primary-sensing and high power factor up to 7 W
01-Feb-2013
HVLED807PFTR STMICROELECTRONICS-HVLED807PFTR Datasheet
1Mb / 36P
Offline LED driver with primary-sensing and high power factor up to 7 W
01-Feb-2013
More results

Similar Description - HVLED805TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ALTAIR04-900 STMICROELECTRONICS-ALTAIR04-900 Datasheet
640Kb / 29P
Off-line all-primary-sensing switching regulator
25-Jan-2011
ALTAIR05T-800 STMICROELECTRONICS-ALTAIR05T-800 Datasheet
481Kb / 28P
Off-line all-primary-sensing switching regulator
25-Oct-2010
EVALHVLED805 STMICROELECTRONICS-EVALHVLED805 Datasheet
428Kb / 9P
4.2 W off-line LED driver with primary side regulation
09-Feb-2011
logo
Texas Instruments
TPS92310 TI1-TPS92310 Datasheet
429Kb / 19P
Off-Line Primary Side Sensing Controller with PFC
TPS92311 TI1-TPS92311 Datasheet
432Kb / 19P
Off-Line Primary Side Sensing Converter with PFC
TPS92315 TI-TPS92315 Datasheet
1Mb / 27P
Off-Line Primary-Side Sensing Controller
TPS92314 TI-TPS92314 Datasheet
916Kb / 26P
Off-Line Primary Side Sensing Controller with PFC
TPS92310DGS TI1-TPS92310DGS Datasheet
865Kb / 23P
TPS92310 Off-Line Primary Side Sensing Controller With PFC
TPS92314DR TI-TPS92314DR Datasheet
922Kb / 26P
Off-Line Primary Side Sensing Controller with PFC
TPS92311 TI1-TPS92311_14 Datasheet
332Kb / 24P
Off-Line Primary Side Sensing Converter with PFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com