Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF8N65M5 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STF8N65M5
Description  N-channel 650 V, 0.56 Ω, 7 A MDmesh??V Power MOSFET
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF8N65M5 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STF8N65M5 Datasheet HTML 3Page - STMicroelectronics STF8N65M5 Datasheet HTML 4Page - STMicroelectronics STF8N65M5 Datasheet HTML 5Page - STMicroelectronics STF8N65M5 Datasheet HTML 6Page - STMicroelectronics STF8N65M5 Datasheet HTML 7Page - STMicroelectronics STF8N65M5 Datasheet HTML 8Page - STMicroelectronics STF8N65M5 Datasheet HTML 9Page - STMicroelectronics STF8N65M5 Datasheet HTML 10Page - STMicroelectronics STF8N65M5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
STB/D/F/I/P/U8N65M5
Electrical characteristics
Doc ID 16531 Rev 3
7/25
Figure 8.
Output characteristics
Figure 9.
Transfer characteristics
Figure 10.
Gate charge vs gate-source voltage Figure 11.
Static drain-source on resistance
Figure 12.
Capacitance variations
Figure 13.
Output capacitance stored energy
ID
6
4
2
0
0
10
VDS(V)
(A)
5
15
8
10
5V
6V
7V
VGS=10V
12
5.5V
6.5V
7.5V
AM08197v1
ID
6
4
2
0
3
5
VGS(V)
7
(A)
4
6
8
8
10
12
9
VDS=20V
AM08198v1
VGS
6
4
2
0
0
5
Qg(nC)
(V)
8
10
15
10
VDD=520V
ID=3.5A
12
300
200
100
0
400
500
VDS
VGS
AM03195v1
RDS(on)
0.56
0.54
0.52
0.50
0
4
ID(A)
(Ohm)
2
6
0.58
VGS=10V
AM08200v1
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
AM08202v1
Eoss
1.5
1.0
0.5
0
0
100
VDS(V)
(µJ)
400
2.0
200 300
2.5
3.0
500
600
3.5
AM08201v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com