Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF8N65M5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF8N65M5
Description  N-channel 650 V, 0.56 Ω, 7 A MDmesh??V Power MOSFET
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF8N65M5 Datasheet(HTML) 1 Page - STMicroelectronics

  STF8N65M5 Datasheet HTML 1Page - STMicroelectronics STF8N65M5 Datasheet HTML 2Page - STMicroelectronics STF8N65M5 Datasheet HTML 3Page - STMicroelectronics STF8N65M5 Datasheet HTML 4Page - STMicroelectronics STF8N65M5 Datasheet HTML 5Page - STMicroelectronics STF8N65M5 Datasheet HTML 6Page - STMicroelectronics STF8N65M5 Datasheet HTML 7Page - STMicroelectronics STF8N65M5 Datasheet HTML 8Page - STMicroelectronics STF8N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
July 2011
Doc ID 16531 Rev 3
1/25
25
STB8N65M5, STD8N65M5, STF8N65M5
STI8N65M5, STP8N65M5, STU8N65M5
N-channel 650 V, 0.56
Ω, 7 A MDmesh™ V Power MOSFET
in D²PAK, I²PAK, TO-220, TO-220FP, DPAK and IPAK
Features
■ Worldwide best RDS(on) * area
■ Higher VDSS rating
■ High dv/dt capability
■ Excellent switching performance
■ Easy to drive
■ 100% avalanche tested
Applications
■ Switching applications
Description
These devices are N-channel MDmesh™ V
Power MOSFETs based on an innovative
proprietary vertical process technology, which is
combined with STMicroelectronics’ well-known
PowerMESH™ horizontal layout structure. The
resulting product has extremely low on-
resistance, which is unmatched among silicon-
based Power MOSFETs, making it especially
suitable for applications which require superior
power density and outstanding efficiency.
Figure 1.
Internal schematic diagram
Type
VDSS @ TJmax RDS(on) max.
ID
STB8N65M5
STD8N65M5
STF8N65M5
STI8N65M5
STP8N65M5
STU8N65M5
710 V
< 0.6
Ω
7 A
1
2
3
1
2
3
TO-220FP
DPAK
TO-220
IPAK
1
2
3
I²PAK
3
2
1
1
3
1
3
D²PAK
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB8N65M5
STD8N65M5
STF8N65M5
STI8N65M5
STP8N65M5
STU8N65M5
8N65M5
D²PAK
DPAK
TO-220FP
I²PAK
TO-220
IPAK
Tape and reel
Tape and reel
Tube
Tube
Tube
Tube
www.st.com


Similar Part No. - STF8N65M5

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STF8N65M5 ISC-STF8N65M5 Datasheet
313Kb / 2P
Isc N-Channel MOSFET Transistor
More results

Similar Description - STF8N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW77N65M5 STMICROELECTRONICS-STW77N65M5 Datasheet
963Kb / 14P
N-channel 650 V, 0.033 ohm, 69 A, MDmesh V Power MOSFET TO-247
03-Feb-2011
STW60N65M5 STMICROELECTRONICS-STW60N65M5 Datasheet
975Kb / 16P
N-channel 650 V, 0.049 ohm, 46 A MDmesh V Power MOSFET
05-May-2011
CD00222640 STMICROELECTRONICS-CD00222640 Datasheet
1Mb / 18P
N-channel 650 V, 0.070 ohm, 33 A MDmesh V Power MOSFET
12-Jun-2009
STB45N65M5 STMICROELECTRONICS-STB45N65M5 Datasheet
1Mb / 20P
N-channel 650 V, 0.067 ohm typ., 35 A MDmesh V Power MOSFET
05-Mar-2013
STF15N65M5 STMICROELECTRONICS-STF15N65M5 Datasheet
925Kb / 17P
N-channel 650 V, 0.308 ohm typ., 11 A MDmesh V Power MOSFET
09-Nov-2012
STB38N65M5 STMICROELECTRONICS-STB38N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.073, 30 A MDmesh V Power MOSFET
05-Mar-2013
STB57N65M5 STMICROELECTRONICS-STB57N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.056 typ., 42 A MDmesh V Power MOSFET
04-Dec-2012
STL8N65M5 STMICROELECTRONICS-STL8N65M5 Datasheet
1Mb / 13P
N-channel 650 V, 0.56, 7 A MDmesh V Power MOSFET in PowerFLAT 5x5
08-Aug-2011
STD3N65M6 STMICROELECTRONICS-STD3N65M6 Datasheet
630Kb / 18P
N-channel 650 V, 1.4 Ω typ., 3.5 A MDmesh M6 Power MOSFET in a DPAK package
08-Jul-2019
STD5N65M6 STMICROELECTRONICS-STD5N65M6 Datasheet
801Kb / 15P
N-channel 650 V, 1.15 Ω typ., 4 A MDmesh™ M6 Power MOSFET in a DPAK package
05-May-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com