Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER26HN Datasheet(PDF) 14 Page - STMicroelectronics

Part # VIPER26HN
Description  Fixed frequency VIPerTM plus family
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER26HN Datasheet(HTML) 14 Page - STMicroelectronics

Back Button VIPER26HN Datasheet HTML 10Page - STMicroelectronics VIPER26HN Datasheet HTML 11Page - STMicroelectronics VIPER26HN Datasheet HTML 12Page - STMicroelectronics VIPER26HN Datasheet HTML 13Page - STMicroelectronics VIPER26HN Datasheet HTML 14Page - STMicroelectronics VIPER26HN Datasheet HTML 15Page - STMicroelectronics VIPER26HN Datasheet HTML 16Page - STMicroelectronics VIPER26HN Datasheet HTML 17Page - STMicroelectronics VIPER26HN Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Oscillator
VIPER26
14/25
Doc ID 17736 Rev 2
9
Oscillator
The switching frequency is internally fixed at 60 kHz (VIPER26LN or LD) or 115 kHz
(VIPER26HN or HD).
In both cases the switching frequency is modulated by approximately ±4 kHz (60 kHz
version) or ±8 kHz (115 kHz version) at 230 Hz (typical) rate, so that the resulting spread-
spectrum action distributes the energy of each harmonic of the switching frequency over a
number of sideband harmonics having the same energy on the whole but smaller
amplitudes.
10
Soft start-up
During the converters' start-up phase, the soft-start function progressively increases the
cycle-by-cycle drain current limit, up to the default value IDlim. By this way the drain current is
further limited and the output voltage is progressively increased reducing the stress on the
secondary diode. The soft-start time is internally fixed to tSS, see typical value on Table 8 on
page 7, and the function is activated for any attempt of converter start-up and after a fault
event.
This function helps prevent transformers' saturation during start-up and short-circuit.
11
Adjustable current limit set point
The VIPer26 includes a current mode PWM controller: cycle by cycle the drain current is
sensed through the integrated resistor RSENSE and the voltage is applied to the non
inverting input of the PWM comparator, see
Figure 2 on page 3. As soon as the sensed
voltage is equal to the voltage derived from the COMP pin, the power MOSFET is switched
OFF.
In parallel with the PWM operations, the comparator OCP, see
Figure 2 on page 3, checks
the level of the drain current and switch OFF the power MOSFET in case the current is
higher than the threshold IDlim, see Table 8 on page 7.
The level of the drain current limit, IDlim, can be reduced depending from the sunk current
from the pin LIM. The resistor RLIM, between LIM and GND pins, fixes the current sunk and
than the level of the current limit, IDlim, see Figure 13 on page 9.
When the LIM pin is left open or if the RLIM has an high value (i.e. > 80 kΩ) the current limit
is fixed to its default value, IDlim, as reported on Table 8 on page 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com