Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER26HN Datasheet (PDF) - STMicroelectronics

VIPER26HN Datasheet PDF - STMicroelectronics
Part # VIPER26HN
Download  VIPER26HN Download
File Size   815.61 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Fixed frequency VIPerTM plus family

VIPER26HN Datasheet (PDF)

Go To PDF Page Download Datasheet
VIPER26HN Datasheet PDF - STMicroelectronics

Part # VIPER26HN
Download  VIPER26HN Click to download

File Size   815.61 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Fixed frequency VIPerTM plus family

VIPER26HN Datasheet (HTML) - STMicroelectronics


VIPER26HN Product details

Description

The device is an off-line converter with an 800 V avalanche ruggedness power section, a PWM

controller, user defined overcurrent limit, protection against feedback network disconnection, hysteretic thermal protection, soft start up and safe auto restart after any fault condition.



Features

■ 800 V avalanche rugged power section

■ PWM operation with frequency jittering for low EMI

■ Operating frequency:

   – 60 kHz for L type

   – 115 kHz for H type

■ Standby power < 50 mW at 265 VAC

■ Limiting current with adjustable set point

■ On-board soft-start

■ Safe auto-restart after a fault condition

■ Hysteretic thermal shutdown



Application

■ Auxiliary power supply for appliances

■ Power metering

■ LED drivers

■ SMPS for set-top boxes, DVD players and recorders




Similar Part No. - VIPER26HN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER265KDTR STMICROELECTRONICS-VIPER265KDTR Datasheet
1Mb / 28P
1050 V high voltage converter for ultra-wide input
23-Apr-2019
VIPER267KDTR STMICROELECTRONICS-VIPER267KDTR Datasheet
1Mb / 28P
1050 V high voltage converter for ultra-wide input
23-Apr-2019
VIPER26K STMICROELECTRONICS-VIPER26K Datasheet
1Mb / 28P
1050 V high voltage converter for ultra-wide input
23-Apr-2019
More results


Similar Description - VIPER26HN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV1529DR-00A MPS-EV1529DR-00A Datasheet
202Kb / 4P
Fixed Frequency Step-Up Converter LCD Backlight Plus Flash Evaluation Board
MP1529 MPS-MP1529 Datasheet
306Kb / 11P
Fixed Frequency Step-Up Converter LCD Backlight Plus Flash
logo
STMicroelectronics
VIPER16LN STMICROELECTRONICS-VIPER16LN Datasheet
752Kb / 25P
Fixed frequency VIPerTM plus family
10-Oct-2011
VIPER16LDTR STMICROELECTRONICS-VIPER16LDTR Datasheet
752Kb / 25P
Fixed frequency VIPerTM plus family
10-Oct-2011
VIPER06LSTR STMICROELECTRONICS-VIPER06LSTR Datasheet
999Kb / 28P
Fixed-frequency VIPer plus family
08-Mar-2012
VIPER37HE STMICROELECTRONICS-VIPER37HE Datasheet
2Mb / 35P
VIPerPlus family: fixed frequency offline converter
17-Feb-2012
VIPER06 STMICROELECTRONICS-VIPER06 Datasheet
999Kb / 28P
Fixed-frequency VIPer plus family
08-Mar-2012
logo
Analog Devices
HMC650 AD-HMC650 Datasheet
476Kb / 8P
WIDEBAND FIXED ATTENUATOR FAMILY
logo
STMicroelectronics
STEVAL-ISA137V1 STMICROELECTRONICS-STEVAL-ISA137V1 Datasheet
152Kb / 4P
Demonstration board based on VIPer06 from the fixed-frequency VIPer™ plus family
June 2013 Rev 1
VIPER16 STMICROELECTRONICS-VIPER16 Datasheet
1Mb / 30P
Fixed frequency VIPer™ plus family
13-Jun-2014
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com