Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER26K Datasheet (PDF) - STMicroelectronics

VIPER26K Datasheet PDF - STMicroelectronics
Part # VIPER26K
Download  VIPER26K Download
File Size   1040.24 Kbytes
Page   28 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1050 V high voltage converter for ultra-wide input

VIPER26K Datasheet (PDF)

Go To PDF Page Download Datasheet
VIPER26K Datasheet PDF - STMicroelectronics

Part # VIPER26K
Download  VIPER26K Click to download

File Size   1040.24 Kbytes
Page   28 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1050 V high voltage converter for ultra-wide input

VIPER26K Datasheet (HTML) - STMicroelectronics


VIPER26K Product details

Features
 1050 V avalanche-rugged power MOSFET
 allowing ultra-wide VAC input range to be
covered
 Embedded HV startup and sense-FET
 Current mode PWM controller
 Drain current limit protection:
 -500 mA (VIPER265K)
 -700 mA (VIPER267K)
 Jittered switching frequency reduces the EMI
filter cost: 60 kHz ± 4kHz
 Standby power < 30 mW at 230 VAC
 Embedded E/A with 3.3 V reference
 Safe auto-restart after a fault condition
 Hysteretic thermal shutdown
 Built-in soft-start for improved system reliability

Applications
 SMPS for energy metering
 Auxiliary power supplies for 3-phase input
industrial systems
 LED lighting
 Air conditioning

Description
The device is a high voltage converter smartly
integrating a 1050 V avalanche-rugged power
section, with a PWM current mode control. The
1050 V-BV power MOSFET allows to extend input
voltage range, and reduce the size of the DRAIN
snubber circuit. This IC meets the most stringent
energy-saving standards as it has very low
consumption and operates in burst mode under
light load.
The integrated HV startup, sense-FET, error
amplifier and oscillator with jitter allow a complete
application to be designed with the minimum
number of components.
The VIPer26K supports the most common SMPS
topologies such as: isolated flyback with
optocoupler, primary-side regulation, non-isolated
flyback with resistive feedback, buck, and buck
boost.




Similar Part No. - VIPER26K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER26 STMICROELECTRONICS-VIPER26 Datasheet
815Kb / 25P
Fixed frequency VIPerTM plus family
01-Sep-2010
VIPER26HD STMICROELECTRONICS-VIPER26HD Datasheet
815Kb / 25P
Fixed frequency VIPerTM plus family
01-Sep-2010
VIPER26HDTR STMICROELECTRONICS-VIPER26HDTR Datasheet
815Kb / 25P
Fixed frequency VIPerTM plus family
01-Sep-2010
VIPER26HN STMICROELECTRONICS-VIPER26HN Datasheet
815Kb / 25P
Fixed frequency VIPerTM plus family
01-Sep-2010
VIPER26LD STMICROELECTRONICS-VIPER26LD Datasheet
815Kb / 25P
Fixed frequency VIPerTM plus family
01-Sep-2010
More results


Similar Description - VIPER26K

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3101CMNTXG ONSEMI-NCP3101CMNTXG Datasheet
280Kb / 26P
Wide Input Voltage Synchronous Buck Converter
August, 2011 ??Rev. 1
logo
MORNSUN Science& Techno...
PV15-29B05 MORNSUN-PV15-29B05 Datasheet
1Mb / 6P
Ultra wide input voltage range
PV15-29B05L MORNSUN-PV15-29B05L Datasheet
1Mb / 4P
Ultra wide input voltage range
PV40-29B12 MORNSUN-PV40-29B12 Datasheet
1Mb / 6P
Ultra wide input voltage range
PV45-29D1515-15 MORNSUN-PV45-29D1515-15 Datasheet
951Kb / 4P
Ultra wide input voltage range
URB1D03LMD-15WR3 MORNSUN-URB1D03LMD-15WR3 Datasheet
3Mb / 9P
Ultra wide input voltage range
URB1D05YMD-6WR3 MORNSUN-URB1D05YMD-6WR3 Datasheet
2Mb / 7P
Ultra wide input voltage range
URB2403MT-3WR3 MORNSUN-URB2403MT-3WR3 Datasheet
1Mb / 5P
Ultra wide input voltage rang
logo
STMicroelectronics
STEVAL-ISA118V1 STMICROELECTRONICS-STEVAL-ISA118V1 Datasheet
107Kb / 5P
Offline converter for wide range input voltage
09-Jan-2013
logo
Bel Fuse Inc.
RCM60 BEL-RCM60 Datasheet
2Mb / 16P
Ultra-wide input voltage range
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com