Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER26K Datasheet(PDF) 6 Page - STMicroelectronics

Part # VIPER26K
Description  1050 V high voltage converter for ultra-wide input
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER26K Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VIPER26K Datasheet HTML 2Page - STMicroelectronics VIPER26K Datasheet HTML 3Page - STMicroelectronics VIPER26K Datasheet HTML 4Page - STMicroelectronics VIPER26K Datasheet HTML 5Page - STMicroelectronics VIPER26K Datasheet HTML 6Page - STMicroelectronics VIPER26K Datasheet HTML 7Page - STMicroelectronics VIPER26K Datasheet HTML 8Page - STMicroelectronics VIPER26K Datasheet HTML 9Page - STMicroelectronics VIPER26K Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Electrical and thermal ratings
VIPER26K
6/28
DS12978 Rev 1
Figure 3. RthJA
Table 4. Avalanche characteristics
Symbol
Pin
Parameter
Value
Unit
Min.
Max.
IAR
Repetitive avalanche current (limited by TJ = 150 °C)
1A
EAV
Repetitive avalanche energy (limited by TJ = 150 °C)
3mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com