Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER26K Datasheet(PDF) 17 Page - STMicroelectronics

Part # VIPER26K
Description  1050 V high voltage converter for ultra-wide input
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER26K Datasheet(HTML) 17 Page - STMicroelectronics

Back Button VIPER26K Datasheet HTML 13Page - STMicroelectronics VIPER26K Datasheet HTML 14Page - STMicroelectronics VIPER26K Datasheet HTML 15Page - STMicroelectronics VIPER26K Datasheet HTML 16Page - STMicroelectronics VIPER26K Datasheet HTML 17Page - STMicroelectronics VIPER26K Datasheet HTML 18Page - STMicroelectronics VIPER26K Datasheet HTML 19Page - STMicroelectronics VIPER26K Datasheet HTML 20Page - STMicroelectronics VIPER26K Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
DS12978 Rev 1
17/28
VIPer26K
General description
28
4.9
Burst mode
When the voltage VCOMP drops below the threshold, VCOMPL, the power MOSFET is kept in
the OFF state and the consumption is reduced to IDD0 current. As a reaction at the energy
delivery stop, the VCOMP voltage increases and as soon as it exceeds the threshold VCOMPL
+ VCOMPL_HYS, the converter starts switching again with consumption level equal to IDD1
current. This ON-OFF operation mode, referred to as “burst mode” and reported in Figure 4,
reduces the average frequency, which can go down even to a few hundred hertz, thus
minimizing all frequency-related losses and making it easier to comply with energy saving
regulations. During burst mode, the drain current limit is reduced to the value IDLIM_bm in
order to avoid the audible noise issue.
Figure 23. Load-dependent operating modes: timing diagram
4.10
Automatic auto restart after overload or short-circuit
The overload protection is implemented in an automatic way using the integrated up-down
counter. Every cycle, it is incremented or decremented depending on whether the current
logic detects the limit condition or not. The limit condition is the peak drain current, IDLIM.
After the reset of the counter, if the peak drain current is continuously equal to the level IDlim,
the counter will be incremented till the fixed time, tOVL, after that the power MOSFET switch
ON is disabled. It is activated again, through the soft-start, after the tRESTART time.
In the case of overload or a short-circuit event, the power MOSFET switching is stopped
after a time that depends from the counter and that can be as maximum equal to tOVL. The
protection occurs in the same way until the overload condition is removed.
This protection ensures restart attempts of the converter with low repetition rate, so that it
works safely with extremely low power throughput and avoiding the IC overheating in case
of repeated overload events.
If the overload is removed before the protection tripping, the counter is decremented cycle-
by-cycle down to zero and the IC is not stopped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com