Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER26K Datasheet(PDF) 4 Page - STMicroelectronics

Part # VIPER26K
Description  1050 V high voltage converter for ultra-wide input
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER26K Datasheet(HTML) 4 Page - STMicroelectronics

  VIPER26K Datasheet HTML 1Page - STMicroelectronics VIPER26K Datasheet HTML 2Page - STMicroelectronics VIPER26K Datasheet HTML 3Page - STMicroelectronics VIPER26K Datasheet HTML 4Page - STMicroelectronics VIPER26K Datasheet HTML 5Page - STMicroelectronics VIPER26K Datasheet HTML 6Page - STMicroelectronics VIPER26K Datasheet HTML 7Page - STMicroelectronics VIPER26K Datasheet HTML 8Page - STMicroelectronics VIPER26K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Pin setting
VIPER26K
4/28
DS12978 Rev 1
1
Pin setting
Figure 2. Connection diagram
Table 1. Pin description
SO16
N
Name
Function
1
GND
Ground. Connected to the source of the internal power MOSFET and
controller ground reference.
2, 3
N.C
Not internally connected. It can be connected to GND (pin 1) or left
floating.
4
N.A.
Not available for user. This pin is mechanically connected to the controller
die pad of the frame. It is highly recommended to connect it to GND (pin 1).
5
VDD
Supply voltage of the control section. This pin provides the charging
current of the external capacitor.
6
N.C.
Not available for user. It is highly recommended to connect it to GND (pin
1).
7FB
Inverting input of the internal trans-conductance error amplifier.
Connecting the converter output to this pin through a single resistor results
in an output voltage equal to the error amplifier reference voltage. An
external resistors divider is required for higher output voltages.
8
COMP
Output of the internal trans conductance error amplifier. The
compensation network has to be placed between this pin and GND to
achieve stability and good dynamic performance of the voltage control loop.
The pin is used also to directly control the PWM with an optocoupler. The
linear voltage range extends from VCOMPL to VCOMPH.
9-12
N.C.
Not internally connected. It has to be left floating.
13-16
DRAIN
High voltage drain pin. The built-in high voltage switched start-up bias
current is drawn from this pin too. Pins connected to the metal frame to
facilitate heat dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com