Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER26K Datasheet(PDF) 14 Page - STMicroelectronics

Part # VIPER26K
Description  1050 V high voltage converter for ultra-wide input
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER26K Datasheet(HTML) 14 Page - STMicroelectronics

Back Button VIPER26K Datasheet HTML 10Page - STMicroelectronics VIPER26K Datasheet HTML 11Page - STMicroelectronics VIPER26K Datasheet HTML 12Page - STMicroelectronics VIPER26K Datasheet HTML 13Page - STMicroelectronics VIPER26K Datasheet HTML 14Page - STMicroelectronics VIPER26K Datasheet HTML 15Page - STMicroelectronics VIPER26K Datasheet HTML 16Page - STMicroelectronics VIPER26K Datasheet HTML 17Page - STMicroelectronics VIPER26K Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
General description
VIPER26K
14/28
DS12978 Rev 1
4.4
High voltage startup
The high voltage current generator is supplied by the DRAIN pin. At the first startup of the
converter, it is enabled when the voltage across the input bulk capacitor reaches the
VDRAIN_START threshold, sourcing the IDDch1 current; as the VDD voltage reaches the VDDon
start-up threshold, the power section starts switching and the high voltage current generator
is turned OFF. The VIPer26K is powered by the external source. After the startup, the
auxiliary winding or the diode connected to the output voltage have to power the VDD
capacitor with voltage higher than the VDDCSon threshold. During the switching, the internal
current source is disabled and the consumptions are minimized.
In case of fault, the switching is stopped and the device is self-biased by the internal high
voltage current source; it is activated between the levels VDDCSon and VDDon, delivering the
current IDDch2 to the VDD capacitor during the MOSFET OFF time.
If a very low main input voltage is applied to the converter, it is strongly recommended to
choose the VDD capacitor value by the following formula:
Equation 1
At converter power-down, the VDD voltage drops and the converter activity stops as it falls
below the VDDoff threshold.
Figure 20. Timing diagram: normal power-up and power-down sequences
CVDD =
IDDCH1 tOVL
V DD - VDDoff
----------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com