Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER26K Datasheet(PDF) 13 Page - STMicroelectronics

Part # VIPER26K
Description  1050 V high voltage converter for ultra-wide input
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER26K Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VIPER26K Datasheet HTML 9Page - STMicroelectronics VIPER26K Datasheet HTML 10Page - STMicroelectronics VIPER26K Datasheet HTML 11Page - STMicroelectronics VIPER26K Datasheet HTML 12Page - STMicroelectronics VIPER26K Datasheet HTML 13Page - STMicroelectronics VIPER26K Datasheet HTML 14Page - STMicroelectronics VIPER26K Datasheet HTML 15Page - STMicroelectronics VIPER26K Datasheet HTML 16Page - STMicroelectronics VIPER26K Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
DS12978 Rev 1
13/28
VIPer26K
General description
28
4
General description
4.1
Block diagram
Figure 19. Block diagram
4.2
Typical power capability
4.3
Primary MOSFET
The power section is implemented with an N-channel power MOSFET with a breakdown
voltage of 1050 V min. and a maximum RDS(ON) of 7 Ω. It includes a sense-FET structure to
allow a virtually lossless current sensing and the thermal sensor.
The gate driver of the power MOSFET is designed to supply a controlled gate current during
both turn-ON and turn-OFF in order to minimize common mode EMI. During UVLO
conditions, an internal pull-down circuit holds the gate low in order to ensure that the power
MOSFET cannot be turned ON accidentally.
Table 8. Typical power
Vin: 230 Vac
Vin: 85-265Vac
Vin: 85-440Vac
Adapter(1)
Open frame(2)
Adapter(1)
Open frame(2)
Adapter(1)
Open frame(2)
16W
20W
10W
12W
10W
12W
1. Typical continuous power in non-ventilated enclosed adapter measured at 50 °C ambient.
2. Maximum practical continuous power in an open frame design at 50 °C ambient, with adequate heatsinking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com