Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2131 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LPC2131
Description  ARM7-based microcontrollers with two 10-bit ADCs and 10-bit DAC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2131 Datasheet(HTML) 2 Page - NXP Semiconductors

  LPC2131 Datasheet HTML 1Page - NXP Semiconductors LPC2131 Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
higherprocessingpower.Therearetwo16C550UARTs,two
FastI2C-bus(400kbps)interfaces,andtwoSPIinterfaces(one
withcapabilitiesforbufferingandvariabledatalength).
LPC213x/01UARTsfeatureafractionalbaud-rategenerator,
modemcontrol,andauto-bauding.
Therearetwo32-bittimers(eachwithfourcaptureand
comparechannels),aPWMunitwithsixoutputs,areal-time
clock,andaWatchdogtimer.
Fordebugging,eachdevicesupportsreal-timeemulation
andembeddedtracesupportandhasanintegratedvectored
interruptcontroller(VIC).Also,forcompatibilitywithexisting
tools,eachdeviceusesthestandardARMtest/debugJTAG
interface.
TheLPC213/01versionshavesevenFastI/Opins(5-Vtolerant)
withswitchingupto15MHz.Forallthedevices,theoperating
temperaturerangeis-40to85°C.
Third-Party Development Tools
Throughthird-partysuppliers,weofferarangeof
developmenttoolsforourmicrocontrollers.Forthemost
currentlisting,pleasevisitwww.nxp.com/microcontrollers.
Up to 512 KB of
128-bit-wide ISP/IAP Flash
Up to 32 KB SRAM
Two 32-bit timers
(four capture/
compare channels each)
E-ICE/RTM interface and
embedded-trace macrocell
60 MHz, 32-bit ARM7TDMI-S core
with AHB and APB interfaces
Power management, 3.3-V supply,
real-time clock, Watchdog timer, PLL
PWM unit
(six outputs)
10-bit D/A converter
(one channel)
Up to two
10-bit A/D converters
(eight channels each)
Two I2C
SPI, SSP
47 I/O ports
UART0
UART1
Vectored
interrupt controller
LPC213x block diagram
Type
Memory
Serial interfaces
ADC/DAC options
Enhanced
UARTs, ADC,
Fast I/Os, and
BOD
Packages
Flash (KB) SRAM (KB)
I2C
UART SPI and SSP
ADC channels
(10-bit)
DAC channels
(10-bit)
LPC2131
32
8
2
2
1
8
LQFP64
LPC2131/01
32
8
2
2
1
8
•
LQFP64
LPC2132
64
16
2
2
1
8
1
LQFP64,HVQFN64
LPC2132/01
64
16
2
2
1
8
1
•
LQFP64,HVQFN64
LPC2134
128
16
2
2
1
16
1
LQFP64
LPC2134/01
128
16
2
2
1
16
1
•
LQFP64
LPC2136
256
32
2
2
1
16
1
LQFP64
LPC2136/01
256
32
2
2
1
16
1
•
LQFP64
LPC2138
512
32
2
2
1
16
1
LQFP64,HVQFN64
LPC2138/01
512
32
2
2
1
16
1
•
LQFP64,HVQFN64
LPC213x selection guide
www.nxp.com
© 2007 NXP N.V.
All rights reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The
information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and
may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof
does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Date of release: January 2007
Document order number: 9397 750 15815
Printed in the USA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com