Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2131 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC2131
Description  ARM7-based microcontrollers with two 10-bit ADCs and 10-bit DAC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2131 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC2131 Datasheet HTML 1Page - NXP Semiconductors LPC2131 Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ARM7-based microcontrollers with
two 10-bit ADCs and 10-bit DAC
These powerful yet cost-effective microcontrollers have up to 512 KB of ISP/IAP Flash and up to
32 KB of SRAM. Each has up to two 10-bit A/D converters, a 10-bit D/A converter, two I2C-bus
interfaces, and Fast I/O.
60-MHz, 32-bit
microcontroller with
ARM7TDMI-S™ core
LPC213x
Key features
4
60-MHz,32-bitARM7TDMI-Swith
AHB/APBinterfaces
4
Upto512KBISP/IAPFlash
4
Upto32KBSRAM
4
VeryfastFlashprogrammingviaon-
chipbootloadersoftware
4
Uptotwo10-bitA/Dconverters(with
enhancedfeaturesonLPC213x/01
versions)
4
10-bitD/Aconverter
4
Multipleserialinterfaces:twoI2C,two
UART,oneSPI,andoneSSP
4
Two32-bittimers
4
Real-timeclockandWatchdogtimer
4
7FastI/Opins(5-Vtolerant)withup
to15-MHzswitching(LPC213x/01
versionsonly)
4
Single3.3-Vsupply
4
Packages:
–LQFP64(10x10x1.4mm)
–HVQFN64(9x9x0.85mm)
Applications
4
Automotiveentertainment
4
Connectivity
4
Display
4
Communicationsgatewaysand
protocolconverters
4
Softwaremodems
4
Voicerecognition
4
Low-endimaging
TheNXPmicrocontrollerfamilyLPC213x
usesahigh-performance32-bitARM7
corethatoperatesatupto60MHz.
Eachdevicehasupto512KBofon-chip
Flashandupto32KBofon-chipSRAM
memory.
In-SystemProgramming(ISP)andIn-
ApplicationProgramming(IAP)software
minimizeprogrammingtime–each256-
bytelinetakesonly1mstoprogram,
andasingle-sectororfull-chiperase
takesonly400ms.
A128-bit-widememoryinterfaceand
apatentedmemoryacceleratorenable
32-bitcodeexecutionfromFlashwith
zerowait-states.Forapplicationswhere
codesizeiscritical,analternative16-bit
Thumbmodereducescodebymore
than30%withminimalperformance
penalties.
Eachdeviceisequippedwithupto
two10-bitA/Dconvertersanda10-bit
D/Aconverter.TheA/Dconverters
haveeightchannelsapieceand,onthe
LPC213x/01versions,resultregistersfor
eachchannel.
Multipleserialcommunications
interfacesincreasedesignflexibility,
providelargerbuffersize,anddeliver


Similar Part No. - LPC2131

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2131 PHILIPS-LPC2131 Datasheet
190Kb / 41P
Single-chip 16/32-bit microcontrollers; 32/64/512 kB ISP/IAP Flash with 10-bit ADC and DAC
Rev. 02-15 April 2005
LPC2131 NXP-LPC2131 Datasheet
697Kb / 39P
Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB ISP/IAP flash with 10-bit ADC and DAC
Rev. 04-16 October 2007
LPC2131 PHILIPS-LPC2131 Datasheet
402Kb / 45P
Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB ISP/IAP flash with 10-bit ADC and DAC
Rev. 5.1-29 July 2011
LPC2131/01 NXP-LPC2131/01 Datasheet
4Mb / 12P
NXP Microcontrollers Selection Guide
November 2012
LPC2131FBD64 PHILIPS-LPC2131FBD64 Datasheet
190Kb / 41P
Single-chip 16/32-bit microcontrollers; 32/64/512 kB ISP/IAP Flash with 10-bit ADC and DAC
Rev. 02-15 April 2005
More results

Similar Description - LPC2131

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7997 AD-AD7997 Datasheet
1Mb / 32P
8-Channel, 10- and 12-Bit ADCs with I2CCompatible
9/04-Revision 0
logo
Agamem Microelectronic ...
AA88368AP AGAMEM-AA88368AP Datasheet
202Kb / 15P
10-BIT DAC
logo
Intersil Corporation
ISL267440 INTERSIL-ISL267440 Datasheet
719Kb / 17P
10-Bit and 12-Bit, 1MSPS SAR ADCs
December 5, 2011
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
logo
Agamem Microelectronic ...
AA88368 AGAMEM-AA88368 Datasheet
55Kb / 1P
10-BIT DAC
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
ISL267440IUZ INTERSIL-ISL267440IUZ Datasheet
655Kb / 18P
10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Maxim Integrated Produc...
MAX11618 MAXIM-MAX11618 Datasheet
1Mb / 21P
10-Bit, 300ksps ADCs with FIFO and Internal Reference
19-5961; Rev 1; 9/11
logo
Renesas Technology Corp
ISL267440 RENESAS-ISL267440 Datasheet
1Mb / 18P
10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com