Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA13 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MMBTA13
Description  NPN Darlington Amplifier Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBTA13 Datasheet(HTML) 1 Page - Micro Commercial Components

  MMBTA13 Datasheet HTML 1Page - Micro Commercial Components MMBTA13 Datasheet HTML 2Page - Micro Commercial Components MMBTA13 Datasheet HTML 3Page - Micro Commercial Components MMBTA13 Datasheet HTML 4Page - Micro Commercial Components MMBTA13 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MMBTA13
MMBTA14
NPN Darlington
Amplifier Transistor
SOT-23
Suggested Solder
Pad Layout
Features
•
Operating And Storage Temperatures –55
OC to +150OC
•
RθJA is 556
OC/W (Mounted on FR-5 PCB 1.0” x0.75” x0.062” )
•
Capable of 225mWatts of Power Dissipation
•
Markin
g: MMBTA13 ---K2D; MMBTA14 ---K3D
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage*
(IC=100uAdc, IB=0)
30
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
30
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
10
Vdc
IC
Collector Current-Continuous
300
mAdc
ICBO
Collector Cutoff Current
(VCB=30Vdc, IE=0)
100
nAdc
IEBO
Emitter Cutoff Current
(VEB=10Vdc, IC=0)
100
nAdc
ON CHARACTERISTICS
hFE
MMBTA13
MMBTA14
MMBTA13
MMBTA14
DC Current Gain*
(IC=10mAdc, VCE=5.0Vdc)
(IC=150mAdc, VCE=1.0Vdc)
5000
10000
10000
20000
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=100mAdc, IB=0.1mAdc)
1.5
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=100mAdc,VCE=5.0Vdc)
2.0
Vdc
SMALL-SIGNAL CHARACTERISTICS
fT
Current Gain-Bandwidth Product
(IC=10mAdc, VCE=5.0Vdc, f=100MHz)
125
MHz
Cobo
Output Capacitance
(VCB=10Vdc, IE=0, f=1.0MHz)
8.0
pF
Cibo
Input Capacitance
(VBE=0.5Vdc, IC=0, f=1.0MHz)
15
pF
SWITCHING CHARACTERISTICS
td
Delay Time
(VCC=30Vdc, VBE=0.5Vdc
10
ns
tr
Rise Time
IC=150mAdc, IB1=15mAdc)
25
ns
ts
Storage Time
(VCC=30Vdc, IC=150mAdc
225
ns
tf
Fall Time
IB1=IB2=15mAdc)
60
ns
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
K
A
B
C
D
E
F
GH
J
Revision: A
2011/01/01
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
E
B
C
www.mccsemi.com
1 of 5
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1


Similar Part No. - MMBTA13

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBTA13 TRSYS-MMBTA13 Datasheet
139Kb / 1P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
logo
Samsung semiconductor
MMBTA13 SAMSUNG-MMBTA13 Datasheet
26Kb / 1P
NPN (DARLINGTON AMPLIFIER TRANSISTOR)
logo
Fairchild Semiconductor
MMBTA13 FAIRCHILD-MMBTA13 Datasheet
605Kb / 13P
NPN Darlington Transistor
logo
Diodes Incorporated
MMBTA13 DIODES-MMBTA13 Datasheet
47Kb / 2P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30047 Rev. 4 - 2
logo
KEC(Korea Electronics)
MMBTA13 KEC-MMBTA13 Datasheet
65Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, DARLINGTON TRANSISTOR)
More results

Similar Description - MMBTA13

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBTA13 SAMSUNG-MMBTA13 Datasheet
26Kb / 1P
NPN (DARLINGTON AMPLIFIER TRANSISTOR)
MMBTA14 SAMSUNG-MMBTA14 Datasheet
28Kb / 1P
NPN (DARLINGTON AMPLIFIER TRANSISTOR)
logo
Micro Commercial Compon...
MMBTA13 MCC-MMBTA13 Datasheet
166Kb / 4P
NPN Darlington Amplifier Transistor
MMBTA13 MCC-MMBTA13_08 Datasheet
154Kb / 5P
NPN Darlington Amplifier Transistor
logo
SeCoS Halbleitertechnol...
MMBTA13 SECOS-MMBTA13 Datasheet
885Kb / 3P
Darlington Amplifier Transistor NPN Silicon
logo
New Jersey Semi-Conduct...
MPSU45 NJSEMI-MPSU45 Datasheet
85Kb / 2P
NPN SILICON DARLINGTON AMPLIFIER TRANSISTOR
logo
Galaxy Semi-Conductor H...
MMBTA13 BILIN-MMBTA13_14 Datasheet
133Kb / 3P
NPN Darlington Amplifier Transistor
logo
Micro Commercial Compon...
MMBTA13 MCC-MMBTA13_17 Datasheet
277Kb / 5P
NPN Darlington Amplifier Transistor
logo
Shenzhen Luguang Electr...
BCV27 LUGUANG-BCV27 Datasheet
770Kb / 4P
NPN Darlington Amplifier Transistor
MMBTA13 LUGUANG-MMBTA13 Datasheet
618Kb / 2P
NPN Darlington Amplifier Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com