Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASI3486 Datasheet(PDF) 2 Page - Advanced Semiconductor

Part # ASI3486
Description  ZERO BIAS SCHOTTKY DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

ASI3486 Datasheet(HTML) 2 Page - Advanced Semiconductor

  ASI3486 Datasheet HTML 1Page - Advanced Semiconductor ASI3486 Datasheet HTML 2Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ASI3486
DYNAMIC CHARACTERISTICS
PACKAGE OUTLINE
PACKAGE OUTLINE
Body Color:Clear
Sensitivity vs Frequency
PIN = -40 dBm
RL = 1 Meg Ohm
10
20
30
40
50
24
68
10
Frequency - GHz
Detector Output
F = 10 GHz
RL = 1 Meg Ohm
0.0001
0.001
0.01
0.1
1
10
-50
-40
-30
-20
-10
0
10
20
Input Power - dBm
7525 Ethel Avenue • North Hollywood, California 91605 • U.S.A.
Tel: (818) 982-1200 • (800) 423-2354 • Fax: (818) 765-3004 • email: sales@adsemi.com • web: www.adsemi.com
ADVANCED SEMICONDUCTOR, INC.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com