Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASI3486 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # ASI3486
Description  ZERO BIAS SCHOTTKY DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

ASI3486 Datasheet(HTML) 1 Page - Advanced Semiconductor

  ASI3486 Datasheet HTML 1Page - Advanced Semiconductor ASI3486 Datasheet HTML 2Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CHARACTERISTICS T
C = 25
OC
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL MAXIMUM
UNITS
VF
IF = 1.0 mA
185
225
mV
VBR
IR = 200
µA
0.8
V
CT0
VR = 0 V
f = 1.0 MHz
0.4
pF
TSS
BW = 2.0 MHz
f = 10 GHz
-54
dBm
γγ
PIN = -40 dBm
f = 10 GHz
7.5
mV/
µ
µW
RV
PIN = -40 dBm
f = 10 GHz
2.0
8.0
K Ohms
ZERO BIAS SCHOTTKY DIODE
ASI3486
DESCRIPTION:
The
ASI 3486is a Silicon Schottky
Barrier Diode Designed for High
Sensitivity Zero Bias Detector
Applications up to 10 GHz.
FEATURES INCLUDE:
• Replacement for HSCH3486and
MA4E928series
• -56 dBm TSS Typical @ 10 GHz
• Hermetic Glass Package
MAXIMUM RATINGS
IF
10 mA
VR
2.0 V
PDISS
300 mW @ TC = 25
OC
TJ
-65
OC to +150 OC
TSTG
-65
OC to +150 OC
Tsoldering
+230
OC for 5 Seconds
PACKAGE STYLE 01
ASI ORDER CODE: ASI30203
7525 Ethel Avenue • North Hollywood, California 91605 • U.S.A.
Tel: (818) 982-1200 • (800) 423-2354 • Fax: (818) 765-3004 • email: sales@adsemi.com • web: www.adsemi.com
ADVANCED SEMICONDUCTOR, INC.


Similar Part No. - ASI3486

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
ASI3000 ASI-ASI3000 Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV.A
ASI3001 ASI-ASI3001 Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV.A
ASI3003 ASI-ASI3003 Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV.A
ASI3005 ASI-ASI3005 Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
Mallory Sonalert Produc...
ASI301Q MSPI-ASI301Q Datasheet
104Kb / 1P
Sales Outline Drawing
More results

Similar Description - ASI3486

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
HSCH-3486 ASI-HSCH-3486 Datasheet
16Kb / 1P
ZERO BIAS SCHOTTKY DIODE
logo
Tyco Electronics
MA4E931Z2-1261A MACOM-MA4E931Z2-1261A Datasheet
32Kb / 2P
Schottky Zero Bias Detector Diode
logo
List of Unclassifed Man...
DHM020BB ETC2-DHM020BB Datasheet
61Kb / 1P
HIGH SENSITIVITY ZERO-BIAS SCHOTTKY DIODE DETECTORS
logo
M/A-COM Technology Solu...
MA4E931Z2-1261A MA-COM-MA4E931Z2-1261A Datasheet
69Kb / 1P
Schottky Zero Bias Detector Diode
MADS-011010-1419-V1 MA-COM-MADS-011010-1419-V1 Datasheet
175Kb / 3P
Schottky Zero Bias Detector Diode Chip
MADS-011010-1419 MA-COM-MADS-011010-1419_15 Datasheet
175Kb / 3P
Schottky Zero Bias Detector Diode Chip
MA4E931Z2-1261A MA-COM-MA4E931Z2-1261A_15 Datasheet
423Kb / 2P
Schottky Zero Bias Detector Diode
MADS-011010-1419 MA-COM-MADS-011010-1419 Datasheet
175Kb / 3P
Schottky Zero Bias Detector Diode Chip
MADS-011030-14280W MA-COM-MADS-011030-14280W Datasheet
537Kb / 3P
Schottky Zero Bias Detector Diode
MSS20-XXX-X MA-COM-MSS20-XXX-X Datasheet
762Kb / 5P
Zero Bias Schottky Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com