Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD301 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MMBD301
Description  30 Volts Schottky Barrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBD301 Datasheet(HTML) 1 Page - Micro Commercial Components

  MMBD301 Datasheet HTML 1Page - Micro Commercial Components MMBD301 Datasheet HTML 2Page - Micro Commercial Components MMBD301 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMBD301

30 Volts Schottky
Barrier Diodes
)HDWXUHV
•
High Efficiency UHF and VHF Detector Applications.
•
Low Capacitance and Low Reverse Leakage
•
Extremely Low Minority Carrier Lifetime – 15ps (Typ)
0D[LPXP5DWLQJV
•
Operating Temperature: -55
: to +125:
•
Storage Temperature: -55
: to +150:
Rating
Symbol
Value
Unit
Reverse Voltage
VR
30
V
Forward Power Dissipation
@ TA = 25
:
Derate above 25
:
PTOT
200
2.0
mW
mW/
:
(OHFWULFDO &KDUDFWHULVWLFV # °& 8QOHVV 2WKHUZLVH 6SHFLILHG
Characteristic
Symbol
Min
Typ
Max
Test Cond.
Reverse
Breakdown
Voltage
V(BR)R
30V
IR=10
A
TA = 25
:
Forward Voltage
VF
0.52V
0.38V
0.60V
0.45V
IFM = 10mA;
IFM =1.0mA;
Reverse Leakage
IR
13nA
200nA
VR=25Volts
Junction
Capacitance
CJ
0.9pF
1.5pF
Measured at
f=1.0MHz,
VR=15V
C
SOT-23
Suggested Solder
Pad Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
A
B
C
D
E
F
G
H
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
K
www.mccsemi.com
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
A
20
11/01/01
TM
Micro Commercial Components
1 of 3
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Lead Free Finish/Rohs Compliant ("P"Suffix designates
RoHS Compliant. See ordering information)
Pin Configuration
Top View
A
4T


Similar Part No. - MMBD301

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBD301 FAIRCHILD-MMBD301 Datasheet
195Kb / 8P
Schottky Barrier Diode
logo
Pan Jit International I...
MMBD301 PANJIT-MMBD301 Datasheet
53Kb / 4P
SURFACE MOUNT SCHOTTKY DIODE
logo
DAESAN ELECTRONIC CORP.
MMBD301 DAESAN-MMBD301 Datasheet
264Kb / 2P
Surface Mount Schottky Barrier Diode
logo
Guangdong Kexin Industr...
MMBD301 KEXIN-MMBD301 Datasheet
36Kb / 1P
Schottky Barrier Diode
logo
Shenzhen Luguang Electr...
MMBD301 LUGUANG-MMBD301 Datasheet
207Kb / 1P
Schottky Barrier Diode
More results

Similar Description - MMBD301

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BAT54ALT1 MOTOROLA-BAT54ALT1 Datasheet
78Kb / 4P
30 VOLTS SCHOTTKY BARRIER DETECTOR AND SWITCHING DIODES
logo
ON Semiconductor
BAS70LT1 ONSEMI-BAS70LT1_07 Datasheet
47Kb / 3P
70 VOLTS SCHOTTKY BARRIER DIODES
March, 2007 ??Rev. 5
logo
Micro Commercial Compon...
BAS85 MCC-BAS85 Datasheet
701Kb / 3P
200mW Small Signal Schottky Barrier Diodes 30 Volts
BAT42W MCC-BAT42W Datasheet
217Kb / 3P
200mW Schottky Diodes 30 Volts
SMD22PL MCC-SMD22PL_11 Datasheet
349Kb / 3P
Schottky Barrier Diodes 20 to 100 Volts
SM5819PL-TP MCC-SM5819PL-TP Datasheet
280Kb / 3P
Schottky Barrier Diodes 20 to 40 Volts
logo
Weitron Technology
BAT54BS WEITRON-BAT54BS Datasheet
720Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES 250mAMPERES 30 VOLTS
logo
Micro Commercial Compon...
MMBD301 MCC-MMBD301_14 Datasheet
214Kb / 3P
30 Volts Schottky Barrier Diodes
SMD22PL MCC-SMD22PL_17 Datasheet
234Kb / 3P
Schottky Barrier Diodes 20 to 100 Volts
BAS85 MCC-BAS85_12 Datasheet
396Kb / 3P
200mW Small Signal Schottky Barrier Diodes 30 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com