Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD2004S Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MMBD2004S
Description  250mW 300Volt Dual Series Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBD2004S Datasheet(HTML) 1 Page - Micro Commercial Components

  MMBD2004S Datasheet HTML 1Page - Micro Commercial Components MMBD2004S Datasheet HTML 2Page - Micro Commercial Components MMBD2004S Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMBD2004S
250mW 300Volt
Dual Series
Switching Diode
SOT-23
Suggested Solder
Pad Layout
Features
•
Designed for applications requiring high voltage capability
•
Low Current Leakage
•
Small Outline Surface Mount Package
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
Maximum Ratings
•
Operating Temperature: -65
°C to +150°C
•
Storage Temperature: -65
°C to +150°C
A
B
C
D
E
F
G
H
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
C/A
AC
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
www.mccsemi.com
Revision: A
2011/01/01
1 of 3
K
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Parameter
Symbol
Limits
Unit
Non-Repetitive Peak reverse voltage
VRM
300
V
DC Blocking Voltage
VR
240
V
Peak Repetitive Current
IO
200
mA
Continuous Forward Current
IF
225
mA
Peak Repetitive Forward Current
IFRM
625
mA
Forward Surge Current @t=1us
4.0
A
@t=1s
1.0
A
Power Dissipation
PD
250
mW
IFSM
Parameter
Symbol Test Conditons MIN
MAX UNIT
Reverse breakdown voltage
VBR
IR=100uA
240
…
V
Reverse voltage leakage current
IR
VR=240V
…
0.1
uA
Forward voltage
VF
IF=100mA
…
1
V
Diode capacitance
CD
VR=0V,f=1MHz
…
5
pF
Reverse recovery time
Trr
IF=IR=30mA,
RL=100
…
50
ns
•
Marking: B6D
TM
Micro Commercial Components
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Lead Free Finish/Rohs Compliant ("P"Suffix designates
RoHS Compliant. See ordering information)


Similar Part No. - MMBD2004S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD2004S DIODES-MMBD2004S Datasheet
159Kb / 2P
SURFACE MOUNT SWITCHING DIODE
DS30281 Rev. 3 - 2
logo
Weitron Technology
MMBD2004S WEITRON-MMBD2004S Datasheet
343Kb / 3P
Surface Mount Switching Diode
logo
Diodes Incorporated
MMBD2004S DIODES-MMBD2004S Datasheet
82Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
DS30281 Rev. 8 - 2
MMBD2004S DIODES-MMBD2004S Datasheet
115Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
Rev. 11 - 2 June 2008
logo
WILLAS ELECTRONIC CORP
MMBD2004S WILLAS-MMBD2004S Datasheet
352Kb / 2P
SOT-23 Plastic-Encapsulate Diodes
More results

Similar Description - MMBD2004S

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAV199 MCC-BAV199 Datasheet
173Kb / 3P
Dual Series Switching Diode
BAW156 MCC-BAW156 Datasheet
212Kb / 4P
250mW 75Volts Dual Switching Diode
logo
Taiwan Semiconductor Co...
BAV99S TSC-BAV99S Datasheet
210Kb / 3P
250mW High Speed Switching Array
logo
Micro Commercial Compon...
BAW156 MCC-BAW156_13 Datasheet
256Kb / 4P
250mW 75Volt s Dual Switching Diode
logo
Taiwan Semiconductor Co...
BAV99S TSC-BAV99S_15 Datasheet
221Kb / 4P
250mW High Speed Switching Array
logo
Micro Commercial Compon...
MMBD2004S MCC-MMBD2004S_13 Datasheet
307Kb / 3P
250mW 300Volt Dual Series Switching Diode
MMBD2004SWT MCC-MMBD2004SWT Datasheet
332Kb / 3P
250mW 300Volt Dual Series Switching Diode
logo
TT Electronics.
1N4109D2A TTELEC-1N4109D2A Datasheet
204Kb / 3P
250mW SILICON ZENER DIODE
logo
Rectron Semiconductor
BAS316WSV RECTRON-BAS316WSV Datasheet
263Kb / 3P
250mW SOD-323 Fast Switching Diode
logo
Thinki Semiconductor Co...
30CPH03 THINKISEMI-30CPH03 Datasheet
2Mb / 5P
30Ampere,300Volt Dual Common Cathode Hyperfast Recovery Rectifier Diode
Rev.12T
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com