Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD4448HTW Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MMBD4448HTW
Description  200mW Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBD4448HTW Datasheet(HTML) 2 Page - Micro Commercial Components

  MMBD4448HTW Datasheet HTML 1Page - Micro Commercial Components MMBD4448HTW Datasheet HTML 2Page - Micro Commercial Components MMBD4448HTW Datasheet HTML 3Page - Micro Commercial Components MMBD4448HTW Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMBD4448HCQW/AQW/ADW/CDW/SDW/TW
MCC
www.mccsemi.com
Revision: A
2011/01/01
TM
Micro Commercial Components
10
100
1000
1
0.1
0
1.6
1.2
0.4
0.8
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 1 Typical Forward Characteristics
T = 125ºC
A
T = -40ºC
A
T = 75ºC
A
T = 25ºC
A
T = 0ºC
A
0.1
1
10
100
1000
10000
0
20
40
60
80
100
V , REVERSE VOLTAGE (V)
R
Fig. 2 Typical Reverse Characteristics
T = -40ºC
A
T = 25ºC
A
T = 75ºC
A
T = 125ºC
A
T = 0ºC
A
0
0.5
1
2.5
2
1.5
3
0
10
20
40
30
V , REVERSE VOLTAGE (V)
R
Fig.3 Typical Capacitance vs. Reverse Voltage
f = 1MHz
0
50
100
150
200
250
0
100
200
T , AMBIENT TEMPERATURE (
°C)
A
Fig. 4 Power Derating Curve, Total Package
2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com