Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD4448HTW Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MMBD4448HTW
Description  200mW Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBD4448HTW Datasheet(HTML) 1 Page - Micro Commercial Components

  MMBD4448HTW Datasheet HTML 1Page - Micro Commercial Components MMBD4448HTW Datasheet HTML 2Page - Micro Commercial Components MMBD4448HTW Datasheet HTML 3Page - Micro Commercial Components MMBD4448HTW Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MMBD4448HAQW/
200mW
Switching Diodes
Features
•
Fast Switching Speed
•
For General Purpose Switching Applications
•
High Conductance, Power Dissipation
•
Ultra-Small Surface Mount Package
Maximum Ratings
Symbol
Rating
Rating
Unit
VRM
Non-Repetitive Peak Reverse Voltage
100
V
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
80
V
VR(RMS)
RMS Reverse Voltage
57
V
IFM
Forward Continuous Current
500
mA
IO
Average Rectified Output Current
250
mA
IFSM
Peak Forward Surge Current @1.0
­s
@1.0s
4.0
1.5
A
R©JA
Thermal Resistance Junction to Ambient
625
/W
PD
Power dissipation
200
mW
TJ
Junction Temperature
150
TSTG
Storage Temperature
-65 to +150
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Test Conditions
V(BR)
Reverse Breakdown Voltage
80V
---
IR=100
­A
IR
Reverse Voltage Leakage
Current
---
100nA
50
­A
30
­A
25nA
VR=70V
VR=75V, TJ=150
VR=25V, TJ=150
VR=20V
VF
Forward Voltage
0.62
---
---
---
0.72V
0.855V
1.0V
1.25V
IF=5.0mA
IF=10mA
IF=50mA
IF=150mA
CT
Total Capacitance
---
3.5pF
VR=6V, f=1MHZ
trr
Reverse Recovery Time
---
4.0ns
IF=5mA,
VR=6V
www.mccsemi.com
Revision:
A
20
11/01/01
SOT-363
J
M
A
C
B
G
H
K
D
L
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
ADW/CDW/SDW/
A
1
A
2
C
2
C
1
C
2
C
1
C
1
A
3
C
2
A
1
C
3
A
2
C
1
C
2
A
2
A
1
A
2
A
1
C
2
C
1
NC
A
C
3
C
4
AC
1
AC
2
C
2
A
1
A
2
C
1
Marking: KA6
MMBD4448HADW
Marking: KA5
MMBD4448HAQW
Marking: KA7
MMBD4448HCDW
Marking: KAA
MMBD4448HTW
Marking: KAB
MMBD4448HSDW
DIMENSIONS
Marking: KA4
MMBD4448HCQW
A
2
A
1
C
A
3
A
4
CQW/TW
TM
Micro Commercial Components
NC
A
2
A
2
1 of 4
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.00
6
.01
4
0.1
5
0.3
5
B
.045
.053
1.15
1.35
C
.0
85
.0
96
2.
15
2.
45
D
.026
0.65Nominal
G
.0
47
.0
55
1.20
1.40
H
.071
.087
1.80
2.20
J
---
.004
---
0.10
K
.035
.0
43
0.90
1.
10
L
.010
.01
8
0.2
6
0.4
6
M
.00
3
.0
06
0.
08
0.
15
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Lead Free Finish/Rohs Compliant ("P"Suffix designates
RoHS Compliant. See ordering information)


Similar Part No. - MMBD4448HTW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD4448HTW DIODES-MMBD4448HTW Datasheet
77Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30153 Rev. 7 - 2
MMBD4448HTW DIODES-MMBD4448HTW Datasheet
440Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30153 Rev. 14 - 2
logo
Guangdong Kexin Industr...
MMBD4448HTW KEXIN-MMBD4448HTW Datasheet
42Kb / 2P
Surface Mount Fast Switching Diode Array
logo
Weitron Technology
MMBD4448HTW WEITRON-MMBD4448HTW Datasheet
2Mb / 4P
Surface Mount Switching Multi-Chip Diode Array
logo
SeCoS Halbleitertechnol...
MMBD4448HTW SECOS-MMBD4448HTW Datasheet
1Mb / 2P
Surface Mount Switching Diode Array
More results

Similar Description - MMBD4448HTW

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4148X MCC-1N4148X Datasheet
480Kb / 3P
200mW Switching Diodes
BAV70DW MCC-BAV70DW Datasheet
253Kb / 3P
200mW Switching Diodes 75 Volts
BAW56DW MCC-BAW56DW Datasheet
246Kb / 3P
200mW Switching Diodes 75 Volts
MMBD4448DW MCC-MMBD4448DW Datasheet
242Kb / 3P
200mW Switching Diodes
1N4148X MCC-1N4148X_13 Datasheet
229Kb / 3P
200mW Switching Diodes
MMBD4448DW MCC-MMBD4448DW_13 Datasheet
293Kb / 3P
200mW Switching Diodes
MMBD4448HAQW MCC-MMBD4448HAQW_13 Datasheet
213Kb / 4P
200mW Switching Diodes
1N4148X-TP MCC-1N4148X-TP Datasheet
229Kb / 3P
200mW Switching Diodes
1N4148X MCC-1N4148X_17 Datasheet
308Kb / 3P
200mW Switching Diodes
BAW56DW MCC-BAW56DW_13 Datasheet
282Kb / 3P
200mW Switching Diodes 75 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com