Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LZ95B25 Datasheet(PDF) 1 Page - Sharp Corporation

Part # LZ95B25
Description  Subcarrier Generator LSl for CCD
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LZ95B25 Datasheet(HTML) 1 Page - Sharp Corporation

  LZ95B25 Datasheet HTML 1Page - Sharp Corporation LZ95B25 Datasheet HTML 2Page - Sharp Corporation LZ95B25 Datasheet HTML 3Page - Sharp Corporation LZ95B25 Datasheet HTML 4Page - Sharp Corporation LZ95B25 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LZ95B25
DESCRIPTION
The
is a CMOS subcarrier signal gen-
erator LSI which provides
pulses for
color
video camera, in
LSI (LZ95D52/M)
FEATURES
combination
.
between
PAL and
systems
. Included phase comparator circuit
q Single + 5 V power supply
q Package : 18-pin MFP(MFPO1 8-P)
RI
Subcarrier Generator
for CCD
PIN CONNECTIONS
18-PIN
TOP VIEW
1
0
18
2
17 GNO
4FSI 3
16 CPI
4FS0 4
15 SCHD
TST I 5
14 RPI
6
13 CFMI
SC2 7
12 TST3
TST2 8
11 CPCH
GND 9
10 EOO
Vcc GND CPI SCHD RPI CFMI
CPCH EOO
TVM
TVM2 4FSI 4FS0
SC2 TST2 GNO
‘In the
of
by device
sheets SHARP takes no
any defects
in
any of WARPs devices, shorn
SHARP
of
device
anv SHARPs device”
299


Similar Part No. - LZ95B25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LZ9-00CW00 ETC-LZ9-00CW00 Datasheet
1Mb / 22P
High Luminous Efficacy Cool White LED Emitter
LZ9-00NW00 ETC-LZ9-00NW00 Datasheet
1Mb / 22P
High Luminous Efficacy Neutral White LED Emitter
LZ9-00W900 ETC-LZ9-00W900 Datasheet
1Mb / 23P
High Luminous Efficacy Warm White LED Emitter
LZ9-00WW00 ETC-LZ9-00WW00 Datasheet
1Mb / 23P
High Luminous Efficacy Warm White LED Emitter
LZ9-J0CW00 ETC-LZ9-J0CW00 Datasheet
1Mb / 22P
High Luminous Efficacy Cool White LED Emitter
More results

Similar Description - LZ95B25

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS7212 SAMSUNG-KS7212 Datasheet
201Kb / 18P
TIMING & SYNC. GENERATOR FOR B/W CCD
KS7214 SAMSUNG-KS7214 Datasheet
539Kb / 36P
Timing & SYNC. Generator for B/W CCD
S5C7212X01 SAMSUNG-S5C7212X01 Datasheet
230Kb / 19P
TIMING & SYNC. GENERATOR FOR B/W CCD
S5C7214X01 SAMSUNG-S5C7214X01 Datasheet
559Kb / 34P
TIMING & SYNC. GENERATOR FOR B/W CCD
S5C7221X01 SAMSUNG-S5C7221X01 Datasheet
88Kb / 8P
TIMING & SYNC. GENERATOR FOR B/W CCD
logo
Sharp Corporation
LZ93B53 SHARP-LZ93B53 Datasheet
130Kb / 6P
Synchronous Signal Generator for CCD
LZ93BE0 SHARP-LZ93BE0 Datasheet
404Kb / 9P
Timing Pulse Generator LSI for CCD
LZ93N19 SHARP-LZ93N19 Datasheet
234Kb / 5P
Synchronous Signal Generator for CCD
LZ93N61 SHARP-LZ93N61 Datasheet
267Kb / 5P
Timing Pulse Generator LSI for CCD
logo
Texas Instruments
SN28838 TI1-SN28838 Datasheet
67Kb / 5P
PAL-COLOR SUBCARRIER GENERATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com