Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LZ95B25 Datasheet(PDF) 4 Page - Sharp Corporation

Part # LZ95B25
Description  Subcarrier Generator LSl for CCD
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LZ95B25 Datasheet(HTML) 4 Page - Sharp Corporation

  LZ95B25 Datasheet HTML 1Page - Sharp Corporation LZ95B25 Datasheet HTML 2Page - Sharp Corporation LZ95B25 Datasheet HTML 3Page - Sharp Corporation LZ95B25 Datasheet HTML 4Page - Sharp Corporation LZ95B25 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SYMBOL
POLARITY
PIN NAME
FUNCTION
An input pin for the reference horizontal signal to
14
RPI
Horizontal comparison
ICD
the phase comparator. Connect to HD
—
input
when comparator is used. The polarity of RPI se-
lects with CPCH (pin 11),
A horizontal synchronous pulse obtained by dividing
4FSI (pin 3).
At NTSC mode
: dividing into 1/910
At PAL mode
: dividing into 1/1 135 4FSI
15
SCHD
o
–
HD
ordinarily and dividing into
137 4FSI during one ho-
rizon tal period within the V
blanking.
At SECAM mode : dividing into 1/1 128
Horizontal comparison
An input pin for comparison horizontal signal to the
16
CPI
–
input
phase comparator. Connect to SCHD (pin 15) when
comparator is used,
17
GND
—
—
Ground
A grounding pin.
18
–
.
Power supply
Supply +5 V power.
Icu
: Input pin (CMOS level with built-in pull-up resistor).
ICD
: Input pin (CMOS level with built-in pull-up resistor).
o
: Output pin,
02M : Output pin.
TO
: Output
output).
OSCI : Input pin for oscillation.
OSCO : Output pin for oscillation.
302



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com