Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC123 Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC123
Description  European Safety Standard Approved Type Long Creepage Distance Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC123 Datasheet(HTML) 3 Page - Sharp Corporation

  PC123 Datasheet HTML 1Page - Sharp Corporation PC123 Datasheet HTML 2Page - Sharp Corporation PC123 Datasheet HTML 3Page - Sharp Corporation PC123 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PC123/PC123F
0
0
125
100
200
50
150
25
50
75
100
Ambient Temperature
-30
Ambient temperature T a (˚C)
Fig. 3 Collector Power Dissipation vs.
0
250
200
150
50
100
0
25
50
75
100
125
Fig. 4 Power Dissipation vs.
Ambient Temperature
-30
Duty ratio
5
5
Pulse width <=100
µs
10
20
100
50
200
500
2
10 -3
10 -2
5
2
10 -1
5
2
5
Fig. 5 Peak Forward Current vs. Duty Ratio
0
0.5
1.0
1.5
2.0
2.5
3.0
1
2
5
10
20
50
100
200
500
+ 25˚C
- 25˚C
50˚C
0˚C
Fig. 6 Forward Current vs.
Forward Voltage
Forward voltage V F (V)
T a
Forward current I F ( mA )
0.1
1
10
100
0
50
100
150
200
250
300
V CE =5V
T a= 25˚C
Fig. 7 Current Transfer Ratio vs.
Forward Current
Collector-emitter voltage V CE (V)
0123456789
10
0
6
12
18
24
30
36
42
48
54
60
T a = 25˚C
IF
=
30mA
I F
=
20mA
IF= 10mA
IF = 5mA
Fig. 8 Collector Current vs. Collector-emitter
Voltage
= 75˚C
PC(MAX.)
Ta = 25˚C
Ambient temperature T a (˚C)
1000
10000
5000
2000
1000
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com