Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC123 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC123
Description  European Safety Standard Approved Type Long Creepage Distance Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC123 Datasheet(HTML) 4 Page - Sharp Corporation

  PC123 Datasheet HTML 1Page - Sharp Corporation PC123 Datasheet HTML 2Page - Sharp Corporation PC123 Datasheet HTML 3Page - Sharp Corporation PC123 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PC123/PC123F
50
0
100
150
0
255075
100
-30
Ambient temperature T a (˚C)
- 30
0
20
40
60
80
100
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
IF = 20mA
Ic = 1mA
Ambient temperature T a (˚C)
- 30
0
20
40
60
80
100
10 -11
5
10 -10
5
10 -9
5
10 -8
5
10 -7
5
10 -6
5
10 -5
V CE= 50V
0.01
0.1
1
10
100
0.1
1
10
100
V CE =2V
IC = 2mA
T a= 25˚C
tr
tf
t d
t s
Frequency ( kHz )
0.1
10
100
-20
1
-15
-10
-5
0
5
V CE =5V
IC = 2mA
T a= 25˚C
RL = 10k Ω
1k
Ω
100
Ω
Forward current I F ( mA )
02468
10
12
14
16
18
20
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
T a= 25˚C
IC = 0.5mA
Fig. 9 Relative Current Transfer Ratio vs.
Ambient Temperature
Fig.10 Collector-emitter Saturation Voltage vs.
Ambient temperature
Fig.11 Collector Dark Current vs.
Ambient Temperature
Fig.12 Response Time vs.
Fig.13 Frequency Response
Fig.14 Collector-emitter Saturation Voltage vs.
Forward Currnt
IF = 5mA
VCE =5V
Ambient temperature T a (˚C)
1mA
3mA
7mA
5mA
1000
1000
Please refer to the chapter “Precautions for Use ”
Load Resistance
Load resistance ( k
Ω )
q



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com