Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF65 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SF65
Description  6.0 Amp Super Fast Rectifier 50 to 400 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SF65 Datasheet(HTML) 2 Page - Micro Commercial Components

  SF65 Datasheet HTML 1Page - Micro Commercial Components SF65 Datasheet HTML 2Page - Micro Commercial Components SF65 Datasheet HTML 3Page - Micro Commercial Components SF65 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
trr
+0.5A
0
-0.25
-1.0
1cm
Set Time Base for 20/100ns/cm
50Vdc
1
50
10
Oscilloscope
Note 1
Pulse
Generator
Note 2
Notes:
1. Rise Time = 7ns max.
Input impedance = 1 megohm, 22pF
2. Rise Time = 10ns max.
Source impedance = 50 ohms
3. Resistors are non-inductive
Figure1
Reverse Recovery Time Characteristic And Test Circuit Diagram
Figure 3
Typical Reverse Characteristics
Instantaneous Reverse Leakage Current -MicroAmperes versus
Percent Of Rated Peak Reverse Voltage - Volts
Volts
10
µAmps
0
100
20
40
60
80
.01
0.1
1.0
TJ=25 C
100
140
TJ=100 C
Figure 2
Forward Derating Curve
0
150
25
50
75
100
0
10
20
30
Single Phase, Half Wave
60Hz Resistive or
Inductive Load
Amps
C
125
40
50
60
Average Forward Rectified Current Per Leg - Amperes versus
Ambient Temperature - C
SF61 thru SF66
MCC
www.mccsemi.com
Revision:
A
20
11/01/01
TM
Micro Commercial Components
2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com