Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF65 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # SF65
Description  6.0 Amp Super Fast Rectifier 50 to 400 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SF65 Datasheet(HTML) 3 Page - Micro Commercial Components

  SF65 Datasheet HTML 1Page - Micro Commercial Components SF65 Datasheet HTML 2Page - Micro Commercial Components SF65 Datasheet HTML 3Page - Micro Commercial Components SF65 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
80
1
100
4
8
2
6
10
20
60
40
25
50
75
Figure 5
Peak Forward Surge Current
Peak Forward Surge Current - Amperes versus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
100
125
150
8.3ms Single Hale
Sine Wave
JEDEC METHED
Figure 4
Typical Forward Characteristics
Instantaneous Forward Current - Amperes versus
Forward Voltage - Volts
Volts
10
Amps
0
10
0.2
0.4
0.6
0.8
.01
.1
1.0
SF65-SF66
100
1.4
SF61-SF64
TJ=25
Pulse Width=300µs
1% Duty Cycle
20
Volts
.1
10
1
.5
2
5
50
100
200
60
80
100
140
120
160
180
pF
Junction Capacitance – pF
Reverse Voltage - Volts
SF61-SF64
SF65-SF66
TJ=25
Figure 6
Typical Junction Capacitance
www.mccsemi.com
Revision:
A
20
11/01/01
M C C
SF61 thru SF66
TM
Micro Commercial Components
3 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com