Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC110 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC110
Description  Long Creepage Distance Type Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC110 Datasheet(HTML) 2 Page - Sharp Corporation

  PC110 Datasheet HTML 1Page - Sharp Corporation PC110 Datasheet HTML 2Page - Sharp Corporation PC110 Datasheet HTML 3Page - Sharp Corporation PC110 Datasheet HTML 4Page - Sharp Corporation PC110 Datasheet HTML 5Page - Sharp Corporation PC110 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PC110L/PC111L/PC112L/PC113L
s Absolute Maximum Ratings
( Ta = 25˚C)
s Electro-optical Characteristics
( Ta = 25˚C)
Parameter
Symbol
Rating
Unit
Input
IF
50
mA
I FM
1A
Reverse Voltage
V R
6V
Power dissipation
P
70
mW
Output
PC110L/PC111L
V CEO
35
V
PC112L/PC113L
70
Emitter-collector voltage
V ECO
6V
PC110L
V CBO
35
V
PC112L
70
PC110L/PC112L
V EBO
6V
Collector current
IC
50
mA
PC110L/PC111L
P C
150
mW
PC112L/PC113L
160
PC110L/PC111L
P tot
170
mW
PC112L/PC113L
200
V iso
Vrms
Operating temperature
T opr
- 30 to + 100
˚C
Storage temperature
T stg
- 55 to + 125
˚C
T sol
260
˚C
Peak forward current
Forward current
PC110L, PC112L.
Collector-emitter
voltage
Emitter-base voltage
Isolation voltage
Soldering temperature
Collector-base
voltage
Collector power
dissipation
Total power
dissipation
*2
*3
*3
*4
*5
*2 Pulse width <=100
µ s, Duty ratio: 0.001
*3 Applies only to
*5 For 10 seconds
-3
15
PC112L/PC113L
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
V F
IF = 20mA
-
1.2
1.4
V
Reverse current
IR
V R =4V
-
-
10
µ A
Terminal capacitance
Ct
V = 0,f = 1kHz
-
30
250
pF
Output
Collector dark current
ICEO
V CE = 20V, I F
--
10 -7
A
Transfer
charac-
teristics
Collector-emitter
brakedown voltage
PC110L/PC111L
BV CEO
IC = 0.1mA, I F =0
35
-
-
V
70
-
-
PC112L/PC113L
Emitter-collector breakdown voltage
BV ECO
IE =10
µA, IF =0
6
-
-
V
Collector-base
breakdown voltage
PC110L
BV CBO
IC = 0.1mA, I F =0
35
-
-
V
PC112L
70
-
-
Collector-emitter saturation voltage
V CE(sat)
IF = 20mA, I C = 1mA, R BE =
-
0.2
V
Isolation resistance
R ISO
5x 1010 1x 1011
-
Ω
Cf
V = 0, f = 1MHz
-
0.6
1.0
pF
Cut-off frequency
C
-
80
-
kHz
Rise time
PC110L/PC111L
t r
V CE
RL
= 2V, I C = 2mA
-4
18
µ s
-4
15
PC112L/PC113L
Fall time
PC110L/PC111L
tf
-3
18
µ s
= 0, R BE =
VCE = 5V, I C = 2mA, R L = 100
Ω, - 3dB
= 100
Ω
0.1
Floating resistance
5 000
*4 40 to 60% RH, AC for 1 minute
DC500V, 40 to 60% RH
f
PC110L/PC111L
PC112L/PC113L
CTR( % )
50 to 125
100 to 250
50 to 250
50 to 400
CTR( % )
40 to 120
80 to 200
40 to 200
40 to 320
Model No.
PC110L1/PC111L1
PC110L2/PC111L2
PC110L5/PC111L5
PC110L/PC111L
Model No.
PC112L1/PC113L1
PC112L2/PC113L2
PC112L5/PC113L5
PC112L/PC113L
transfer ratio
PC112L/PC113L
PC110L
PC111L
CTR
IF = 5mA, VCE = 5V, R BE =
IF = 10mA, VCE = 5V, R BE =
50
50
40
-
-
100
400
400
320
%
Current



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com