Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC110 Datasheet(PDF) 6 Page - Sharp Corporation

Part # PC110
Description  Long Creepage Distance Type Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC110 Datasheet(HTML) 6 Page - Sharp Corporation

  PC110 Datasheet HTML 1Page - Sharp Corporation PC110 Datasheet HTML 2Page - Sharp Corporation PC110 Datasheet HTML 3Page - Sharp Corporation PC110 Datasheet HTML 4Page - Sharp Corporation PC110 Datasheet HTML 5Page - Sharp Corporation PC110 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
-20
0.2
-15
-10
-5
0
0.5
1
2
5
10
20
50 100 200
500 1000
1k
Ω
-20
0.2
-15
-10
-5
0
0.5
1
2
5
10
20
50 100 200
500 1000
1k
Ω
Frequency f ( kHz )
0
0
1
2
3
4
5
2468
10
1mA
3mA
5mA
7mA
12
14
6
Test Circuit for Response Time
90%
10%
Output
Input
Input
Output
VCC
RD
td
ts
tr
tr
Test Circuit for Frequency Response
VCC
RL
Output
RD
(PC110L, PC111L )
Frequency f ( kHz )
(PC112L, PC113L )
PC111L and PC113L
PC111L and PC113L
vs. Forward Current
(PC110L, PC111L )
Forward current I F ( mA )
vs. Forward Current
(PC112L, PC113L )
Forward current I F ( mA )
RL
RL = 10k Ω
Fig.13-a Frequency Response
Fig.13-b Frequency Response
Fig.14-a Collector-emitter Saturation Voltage
Fig.14-b Collector-emitter Saturation Voltage
PC110L/PC111L/PC112L/PC113L
have no base terminal.
have no base terminal.
100
Ω
100
Ω
0
0
1
2
3
4
5
2468
10
3mA
5mA
7mA
6
12
14
Ta = 25˚C
1mA
IC = 0.5mA
VCE =5V
IC = 2mA
RBE =
Ta = 25˚C
VCE =5V
IC = 2mA
RBE =
Ta = 25˚C
R L = 10k
Ω
Ta = 25˚C
IC = 0.5mA
Please refer to the chapter “ Precautions for Use ”
q



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com