Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC355NT Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC355NT
Description  Mini-Flat Package, High Sensitivity Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC355NT Datasheet(HTML) 2 Page - Sharp Corporation

  PC355NT Datasheet HTML 1Page - Sharp Corporation PC355NT Datasheet HTML 2Page - Sharp Corporation PC355NT Datasheet HTML 3Page - Sharp Corporation PC355NT Datasheet HTML 4Page - Sharp Corporation PC355NT Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
*3 For 10 senconds
(Ta = 25˚C )
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
*1 Peak forward current
I FM
1A
Reverse voltage
V R
6V
Power dissipation
P
70
mW
Output
Collector-emitter voltage
V CEO
35
V
Emitter-collector voltage
6
V
Collector current
IC
80
mA
Collector power dissipation
P C
150
mW
Total power dissipation
170
mW
*2 Isolation voltage
V
Operating temperature
˚C
Storage temperature
˚C
*3 Soldering temperature
260
˚C
V ECO
P tot
T opr
T stg
T sol
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
V F
IF = 20mA
-
1.2
1.4
V
IR
V R =4V
-
-
10
µ A
Terminal capacitance
Ct
-
30
250
pF
Output
Collector dark current
ICEO
V CE = 10V, I F =0
-
-
A
Collector-emitter breakdown voltage
BV CEO
IC = 0.1mA, I F = 0
35
-
-
V
Emitter-collector breakdown voltage
BV ECO
IE =10
µA, I F =0
6
-
-
V
Transfer-
charac-
teristics
Current transfer ratio
CTR
IF = 1mA, V CE = 2V
600
%
Collector-emitter saturation voltage
V CE(sat)
IF = 20mA, I C = 1mA
-
0.8
1.0
V
Isolation resistance
R ISO
5x 1010
1011
-
Ω
Floating capacitance
Cf
V = 0, f = 1MHz
-
0.6
1.0
pF
Response time
Rise time
t r
V CE = 2V, I C = 2mA
RL = 100
Ω
-
60
300
µ s
Fall time
-
53
250
µ s
(Ta = 25˚C )
- 30 to + 100
- 40 to + 125
s Absolute Maximum Ratings
s Electro-optical Characteristics
tf
10 -6
Soldering area
iso
*1 Pulse width <=100
µs, Duty ratio : 0.001
Reverse current
V = 0, f = 1kHz
3 750
*2 40 to 60% RH, AC for 1 minute
DC500V, 40 to 60% RH
1 600
7 500
PC355NT
V rms



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com