Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC355NT Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC355NT
Description  Mini-Flat Package, High Sensitivity Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC355NT Datasheet(HTML) 4 Page - Sharp Corporation

  PC355NT Datasheet HTML 1Page - Sharp Corporation PC355NT Datasheet HTML 2Page - Sharp Corporation PC355NT Datasheet HTML 3Page - Sharp Corporation PC355NT Datasheet HTML 4Page - Sharp Corporation PC355NT Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
100
80
40
20
0
5
4
3
2
1
0
60
1mA
2mA
5mA
100
10
1
0.1
0
100
20
0
-30
1.6
1.0
0.6
40
0
60
80
80
60
0
40
50
100
150
-30
0
20
100
0.2
0.4
0.8
1.2
1.4
5
5
5
5
5
5
80
60
40
20
0
-30
100
0.01
0.1
1
10
500
200
50
0.2
0.5
2
10
0.1
1
5
20
100
100
Forward current I F ( mA )
10 -5
10 -6
10 -7
10 -8
10 -9
10 -10
10 -11
Collector-emitter voltage VCE (V)
Fig. 7 Current Transfer Ratio vs.
Forward Current
Fig. 9 Relative Current Transfer Ratio vs.
Ambient Temperature
Fig.10 Collector-emitter Saturation Voltage
vs. Ambient Temperature
Fig.11 Collector Dark Current vs.
Ambient Temperature
Fig. 8 Collector Current vs. Collector-
emitter Voltage
Ambient temperature Ta (˚C)
Ambient temperature T a (˚C)
Ambient temperature T a (˚C)
Ta = 25˚C
VCE =2V
IF = 10mA
Ta = 25˚C
PC(MAX.)
VCE =2V
IF = 1mA
IC = 1mA
IF = 20mA
VCE = 10V
VCE =2V
IC = 2mA
Ta = 25˚C
t s
t d
t f
t r
5000
4000
3000
2000
1000
PC355NT
Fig.12 Responce Time vs. Load Resistance
Load resistance R L ( k Ω )



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com