Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC355 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC355
Description  Mini-Flat Package, High Sensitivity Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC355 Datasheet(HTML) 1 Page - Sharp Corporation

  PC355 Datasheet HTML 1Page - Sharp Corporation PC355 Datasheet HTML 2Page - Sharp Corporation PC355 Datasheet HTML 3Page - Sharp Corporation PC355 Datasheet HTML 4Page - Sharp Corporation PC355 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1. High current transfer ratio
2. Opaque type, mini-flat package
PC355NT (1-channel )
3. Subminirature type
( The volume is smaller than that of our
4. Isolation voltage between input and output
5. Recognized by UL (NO. E64380)
s Applications
s Package Specifications
mounting.
2. Programmable controllers
s Outline Dimensions
( CTR : MIN. 600% at I F = 1mA, VCE =2V)
1. Hybrid substrates that require high density
(Unit : mm )
conventional DIP type by as far as 30%)
PC355NT
Input side
diagram
Internal connection
355
Anode
C0.4
mark
6˚
PC355NT
3
4
2
1
12
3
4
1 Anode
2 Cathode
3 Emitter
4 Collector
s Features
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
High Sensitivity Photocoupler
Mini-Flat Package,
PC355NT
PC355NT
•••Viso : 3 750Vrms
2.54 ± 0.25
0.4 ± 0.1
3.6 ± 0.3
5.3 ± 0.3
7.0
+ 0.2
- 0.7
0.5
+ 0.4
- 0.2
Model No.
Taping specifications
PC355NT
Taping reel diameter
178mm (750pcs.)


Similar Part No. - PC355

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC355 PICKER-PC355 Datasheet
171Kb / 2P
20 Amp Minature PCB Power Relay
logo
Multicomp Pro
PC355 MULTICOMP-PC355 Datasheet
19Kb / 1P
PC355 - Pushwire 5 way
24/09/07 REV A
logo
List of Unclassifed Man...
PC3550 ETC1-PC3550 Datasheet
69Kb / 2P
Type of pressure: relative pressure Liquids and gases
logo
Picker Components
PC3551A-12 PICKER-PC3551A-12 Datasheet
171Kb / 2P
20 Amp Minature PCB Power Relay
PC3551A-12F PICKER-PC3551A-12F Datasheet
171Kb / 2P
20 Amp Minature PCB Power Relay
More results

Similar Description - PC355

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC357N SHARP-PC357N_03 Datasheet
219Kb / 14P
Mini-flat Package General Purpose Photocoupler
PC352NJ0000F SHARP-PC352NJ0000F Datasheet
238Kb / 14P
Mini-flat Package, High CMR Photocoupler
PC354NJ0000F SHARP-PC354NJ0000F Datasheet
232Kb / 14P
Mini-flat Package, AC Input Photocoupler
PC357N1J000F SHARP-PC357N1J000F Datasheet
204Kb / 14P
Mini-flat Package, General Purpose Photocoupler
PC357N1TJ00F SHARP-PC357N1TJ00F Datasheet
204Kb / 14P
Mini-flat Package, General Purpose Photocoupler
PC354N1TJ00F SHARP-PC354N1TJ00F Datasheet
206Kb / 14P
Mini-flat Package, AC Input Photocoupler
PC357N3J000F SHARP-PC357N3J000F Datasheet
204Kb / 14P
Mini-flat Package, General Purpose Photocoupler
PC357N9J000F SHARP-PC357N9J000F Datasheet
204Kb / 14P
Mini-flat Package, General Purpose Photocoupler
PC354NTJ000F SHARP-PC354NTJ000F Datasheet
206Kb / 14P
Mini-flat Package, AC Input Photocoupler
PC357MJ0000F SHARP-PC357MJ0000F Datasheet
204Kb / 14P
Mini-flat Package, General Purpose Photocoupler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com