Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC355 Datasheet(PDF) 5 Page - Sharp Corporation

Part # PC355
Description  Mini-Flat Package, High Sensitivity Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC355 Datasheet(HTML) 5 Page - Sharp Corporation

  PC355 Datasheet HTML 1Page - Sharp Corporation PC355 Datasheet HTML 2Page - Sharp Corporation PC355 Datasheet HTML 3Page - Sharp Corporation PC355 Datasheet HTML 4Page - Sharp Corporation PC355 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
0
0.8
1.6
2.4
3.2
4.0
0
1.6
3.2
4.8
6.4
1mA
3mA
5mA
7mA
30mA
50mA
Forward current I F ( mA )
10%
90%
Output
Input
Input
Output
RL
VCC
RD
ts
td
tr
tf
Test Circuit For Response Time
s Temperature Profile of Soldering Reflow
( 1) One time soldering reflow is recommended within the condition of temperature and time
profile shown below.
( 2) When using another soldering method such as infrared ray lamp, the temperature may rise
partially in the mold of the device.
Keep the temperature on the package of the device within the condition of above ( 1) .
30 seconds
230˚C
200˚C
180˚C
25˚C
2 minutes
1.5 minutes
1 minute
1 minute
Fig.13 Collector-emitter Saturation Voltage
vs. Forward Current
Ta = 25˚C
IC = 0.5mA
PC355NT
Please refer to the chapter “ Precautions for Use.”
q



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com