Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC364 Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC364
Description  AC Input, Low Input Current Type Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC364 Datasheet(HTML) 3 Page - Sharp Corporation

  PC364 Datasheet HTML 1Page - Sharp Corporation PC364 Datasheet HTML 2Page - Sharp Corporation PC364 Datasheet HTML 3Page - Sharp Corporation PC364 Datasheet HTML 4Page - Sharp Corporation PC364 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PC364
Fig.6 Peak Forward Current vs. Duty Ratio
Fig.7 Forward Current vs. Forward Voltage
Fig.9 Collector Current vs. Collector-emitter
Voltage
Duty ratio
10
1000
100
10
−2
10
−3
10
−1
2
2
2
5
5
5
5
1
2000
200
20
500
50
Pulse width
<=100µs
Ta=25°C
0.1
1
10
100
0
0.5
1.0
1.5
2.0
Forward voltage VF (V)
Ta=25°C
Ta=75°C
Ta=100°C
Ta=50°C
Ta=0°C
Ta=−25°C
Collector-emitter voltage VCE (V)
0
40
0
2
4
6
8
10
Ta=25°C
30
20
10
PC (MAX.)
IF=7mA
IF=5mA
IF=3mA
IF=2mA
IF=1mA
IF=0.5mA
Fig.5 Total Power Dissipation vs. Ambient
Temperature
Ambient temperature Ta (°C)
0
200
150
170
100
50
−30
0
25
50
75
100
125
Fig.4 Collector Power Dissipation vs.
Ambient Temperature
Ambient temperature Ta (°C)
0
200
150
100
50
−30
0
25
50
75
100
125
Fig.8 Current Transfer Ratio vs. Forward
Current
Forward current IF (mA)
0.1
1
10
0
500
400
300
200
100
VCE=5V
Ta=25°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com