Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC364 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC364
Description  AC Input, Low Input Current Type Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC364 Datasheet(HTML) 1 Page - Sharp Corporation

  PC364 Datasheet HTML 1Page - Sharp Corporation PC364 Datasheet HTML 2Page - Sharp Corporation PC364 Datasheet HTML 3Page - Sharp Corporation PC364 Datasheet HTML 4Page - Sharp Corporation PC364 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PC364
PC364
s Rank Table
s Absolute Maximum Ratings
s Outline Dimensions
(Unit : mm)
AC Input, Low Input Current
Type Photocoupler
1. Programmable controllers
2. Facsimiles
3. Telephones
s Features
s Applications
1. Low input current type (IF
=±0.5mA)
2. AC input type
3. High resistance to noise due to high common mode rejection
voltage (CMR:MIN. 10kV/
µs)
4. Mini-flat package
5. Isolation voltage (Viso:3 750Vrms)
6. Recognized by UL, file No. 64380
Model No.
Rank mark
Ic (mA)
Conditions
PC364N
PC364N1
A or no mark
A
0.25 to 2.0
0.5 to 1.5
IF
=±0.5mA
VCE
=5V
Ta
=25°C
*1 Pulse width
<=100µs, Duty ratio=0.001
*2 40 to 60%RH, AC for 1 minute, f
=60Hz
*3 For 10s
Parameter
Symbol
Rating
Unit
Forward current
Peak forward current
IF
IFM
±10
±200
mA
mA
mA
Input
Output
V
Power dissipation
Collector-emitter voltage
P
15
Collector power dissipation
Collector current
Total power dissipation
150
70
50
mW
mW
mW
Ptot
IC
PC
VCEO
V
Emitter-collector voltage
6
VECO
Viso
kVrms
170
Operating temperature
Topr
−40 to +125
−30 to +100
°C
°C
Storage temperature
Isolation voltage
Tstg
*2
*3
*1
Soldering temperature
Tsol
260
3.75
°C
(Ta
=25°C)
3 6 4
1
2
4
3
1
2
4
3
5.3±
0.3
3.6±
0.3
2.54±
0.25
0.4±
0.1
0.5+
0.4
−0.2
7.0+
0.2
−0.7
Anode mark
Epoxy resin
45
°
6°
Internal connection diagram
1
2
3
4
Anode
Anode (Cathode)
Cathode (Anode)
Emitter
Collector
0.2mm or more
Soldering area
Notice
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Internet
Internet address for Electronic Components Group http://www.sharp.co.jp/ecg/


Similar Part No. - PC364

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC364M1J000F SHARP-PC364M1J000F Datasheet
212Kb / 14P
Mini-Flat Package High CMR, AC Input, Low Input Current Type Photocoupler
PC364NJ0000F SHARP-PC364NJ0000F Datasheet
241Kb / 14P
Mini-Flat Package High CMR, AC Input, Low Input Current Type Photocoupler
PC364NJ0000F SHARP-PC364NJ0000F Datasheet
212Kb / 14P
Mini-Flat Package High CMR, AC Input, Low Input Current Type Photocoupler
More results

Similar Description - PC364

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC367NT SHARP-PC367NT Datasheet
63Kb / 5P
Low Input Current Type Photocoupler
PC3H410NIP SHARP-PC3H410NIP Datasheet
74Kb / 5P
AC Input, Low Input Current Type Photocoupler
PC3H710NIP SHARP-PC3H710NIP Datasheet
75Kb / 5P
Low Input Current Type Photocoupler
PC727 SHARP-PC727 Datasheet
36Kb / 2P
Low Input Current Drive Type Photocoupler
PC733 SHARP-PC733 Datasheet
66Kb / 4P
AC Input Type Photocoupler
PC733H SHARP-PC733H Datasheet
66Kb / 4P
High Input Current, AC Input Type Photocoupler
PC81410NSZ SHARP-PC81410NSZ Datasheet
62Kb / 5P
AC Input, Low Input Current Type Photocoupler
PC8171NSZ SHARP-PC8171NSZ Datasheet
63Kb / 5P
Low Input Current Type Photocoupler
PC367N1J000F SHARP-PC367N1J000F Datasheet
212Kb / 14P
Mini-Flat Package High CMR, AC Input, Low Input Current Type Photocoupler
PC364M1J000F SHARP-PC364M1J000F Datasheet
212Kb / 14P
Mini-Flat Package High CMR, AC Input, Low Input Current Type Photocoupler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com