Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC367 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC367
Description  Low Input Current Type Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC367 Datasheet(HTML) 2 Page - Sharp Corporation

  PC367 Datasheet HTML 1Page - Sharp Corporation PC367 Datasheet HTML 2Page - Sharp Corporation PC367 Datasheet HTML 3Page - Sharp Corporation PC367 Datasheet HTML 4Page - Sharp Corporation PC367 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PC367
s Electro-optical Characteristics
Fig.2 Forward Current vs. Ambient
Temperature
Fig.1 Test Circuit for Common Mode Rejection Voltage
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Forward voltage
Reverse current
Collector current
Isolation resistance
Floating capacitance
Response time
Common mode rejection voltage
Terminal capacitance
Collector dark current
Emitter-collector breakdown voltage
Collector-emitter breakdown voltage
Collector-emitter saturation voltage
Rise time
Fall time
VF
IR
Ct
ICEO
BVCEO
BVECO
RISO
Cf
IC
VCE (sat)
tr
tf
CMR
Conditions
IF
=10mA
IF
=0.5mA, VCE=5V
IF
=10mA, IC=1mA
V
=0, f=1kHz
VCE
=50V, IF=0
IC=0.1mA, IF=0
IE=10
µA, IF=0
DC500V 40 to 60%RH
V
=0, f=1MHz
VCE
=2V, IC=2mA, RL=100Ω
Ta
=25°C, RL=470Ω, VCM=1.5kV (peak),
IF
=0mA, VCC=9V, Vnp=100mV
1.4
V
VR
=4V
−
−
−
−
−
−
70
6
0.5
5
×1010
1
×1011
30
1.2
−
−
2.5
250
−
0.6
1.0
−
4
18
−
3
18
100
−
10
−
−
10
V
−
−
−
V
V
−
0.2
−
µA
µs
µs
kV/
µs
mA
pF
pF
nA
Ω
(Ta
=25°C)
*4 Refer to Fig.1
*4
Vnp
1)
1) Vcp : Voltage which is generated by displacement current in floating
capacitance between primary and secondary side.
Vcp
VCM
VCM : High wave
pulse
RL=470Ω
VCC=9V
VCM
RL
VCC
(dV/dt)
VO
VO
(Vcp Nearly = dV/dt×Cf×RL)
Ambient temperature Ta (°C)
0
10
5
−30
0
25
50
75
100
125
Fig.3 Diode Power Dissipation vs. Ambient
Temperature
Ambient temperature Ta (°C)
0
15
10
5
−30
0
25
50
75
100
125



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com