Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC367 Datasheet (PDF) - Sharp Corporation

PC367 Datasheet PDF - Sharp Corporation
Part # PC367
Download  PC367 Download
File Size   63.1 Kbytes
Page   5 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Low Input Current Type Photocoupler

PC367 Datasheet (PDF)

Go To PDF Page Download Datasheet
PC367 Datasheet PDF - Sharp Corporation

Part # PC367
Download  PC367 Click to download

File Size   63.1 Kbytes
Page   5 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Low Input Current Type Photocoupler

PC367 Datasheet (HTML) - Sharp Corporation


PC367 Product details

■ Features
1. Low input current type (IF=0.5mA)
2. High resistance to noise due to high common mode rejection
   voltage (CMR:MIN. 10kV/µs)
3. Mini-flat package
4. Isolation voltage (Viso:3 750Vrms)
5. Recognized by UL, file No. 64380

■ Applications
1. Programmable controllers
2. Facsimiles
3. Telephones




Similar Part No. - PC367

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC367N1J000F SHARP-PC367N1J000F Datasheet
212Kb / 14P
Mini-Flat Package High CMR, AC Input, Low Input Current Type Photocoupler
PC367NJ0000F SHARP-PC367NJ0000F Datasheet
240Kb / 14P
Mini-flat Package High CMR, Low Input Current Type Photocoupler
PC367NTJ000F SHARP-PC367NTJ000F Datasheet
211Kb / 15P
Mini-flat Package High CMR, Low Input Current Type Photocoupler
More results


Similar Description - PC367

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC364N SHARP-PC364N Datasheet
63Kb / 5P
AC Input, Low Input Current Type Photocoupler
PC3H410NIP SHARP-PC3H410NIP Datasheet
74Kb / 5P
AC Input, Low Input Current Type Photocoupler
PC3H710NIP SHARP-PC3H710NIP Datasheet
75Kb / 5P
Low Input Current Type Photocoupler
PC727 SHARP-PC727 Datasheet
36Kb / 2P
Low Input Current Drive Type Photocoupler
PC81410NSZ SHARP-PC81410NSZ Datasheet
62Kb / 5P
AC Input, Low Input Current Type Photocoupler
PC8171NSZ SHARP-PC8171NSZ Datasheet
63Kb / 5P
Low Input Current Type Photocoupler
logo
COSMO Electronics Corp...
K1010Z COSMO-K1010Z Datasheet
977Kb / 11P
LOW INPUT CURRENT PHOTOCOUPLER
K1010W COSMO-K1010W Datasheet
1Mb / 11P
LOW INPUT CURRENT PHOTOCOUPLER
K1010W COSMO-K1010W_16 Datasheet
224Kb / 11P
LOW INPUT CURRENT PHOTOCOUPLER
K1010Z COSMO-K1010Z_16 Datasheet
224Kb / 11P
LOW INPUT CURRENT PHOTOCOUPLER
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com