Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS027B7DH01 Datasheet(PDF) 1 Page - Sharp Corporation

Part # LS027B7DH01
Description  LCD Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS027B7DH01 Datasheet(HTML) 1 Page - Sharp Corporation

  LS027B7DH01 Datasheet HTML 1Page - Sharp Corporation LS027B7DH01 Datasheet HTML 2Page - Sharp Corporation LS027B7DH01 Datasheet HTML 3Page - Sharp Corporation LS027B7DH01 Datasheet HTML 4Page - Sharp Corporation LS027B7DH01 Datasheet HTML 5Page - Sharp Corporation LS027B7DH01 Datasheet HTML 6Page - Sharp Corporation LS027B7DH01 Datasheet HTML 7Page - Sharp Corporation LS027B7DH01 Datasheet HTML 8Page - Sharp Corporation LS027B7DH01 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
WQVGA Monochrome HR-TFT Transflective
Memory LCD featuring FPC connector, 17.5%
reflectivity with 14:1 contrast.
LS027B7DH01 LCD Module
Preliminary Product Specification
April 2009
LCD Specification
LCD Group
Technical Document


Similar Part No. - LS027B7DH01

ManufacturerPart #DatasheetDescription
logo
Azumo, Inc.
LS027B7DH01 AZUMO-LS027B7DH01 Datasheet
736Kb / 1P
2.7” Reflective LCD 2.0TM
12/20/2023
LS027B7DH01 AZUMO-LS027B7DH01 Datasheet
331Kb / 1P
2.7” Reflective LCD 2.0TM
05/24/2023
LS027B7DH01 AZUMO-LS027B7DH01 Datasheet
705Kb / 1P
2.7” Reflective LCD 2.0TM
06/06/2024
LS027B7DH01 AZUMO-LS027B7DH01 Datasheet
33Mb / 1P
2.7” Reflective LCD 2.0TM
06/06/2024
LS027B7DH01 AZUMO-LS027B7DH01 Datasheet
2Mb / 1P
2.7” Reflective LCD 2.0TM
02/29/2024
More results

Similar Description - LS027B7DH01

ManufacturerPart #DatasheetDescription
logo
AZ Displays
AGM1212C AZDISPLAYS-AGM1212C Datasheet
584Kb / 13P
LCD MODULE
AGM1532A AZDISPLAYS-AGM1532A Datasheet
356Kb / 11P
LCD MODULE
AGM2464D AZDISPLAYS-AGM2464D Datasheet
545Kb / 14P
LCD MODULE
AGM3224G AZDISPLAYS-AGM3224G Datasheet
448Kb / 13P
LCD MODULE
AGM4832C AZDISPLAYS-AGM4832C Datasheet
430Kb / 14P
LCD MODULE
logo
List of Unclassifed Man...
TM164ABA ETC-TM164ABA Datasheet
353Kb / 23P
LCD MODULE
TM242ADA6 ETC-TM242ADA6 Datasheet
310Kb / 23P
LCD MODULE
DEM16101H ETC-DEM16101H Datasheet
203Kb / 15P
LCD MODULE
MC-162-4 ETC1-MC-162-4 Datasheet
66Kb / 1P
LCD MODULE
logo
Purdy Electronics Corpo...
AND3222MST2 PURDY-AND3222MST2 Datasheet
187Kb / 4P
LCD Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com