Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS027B7DH01 Datasheet(PDF) 13 Page - Sharp Corporation

Part # LS027B7DH01
Description  LCD Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS027B7DH01 Datasheet(HTML) 13 Page - Sharp Corporation

Back Button LS027B7DH01 Datasheet HTML 9Page - Sharp Corporation LS027B7DH01 Datasheet HTML 10Page - Sharp Corporation LS027B7DH01 Datasheet HTML 11Page - Sharp Corporation LS027B7DH01 Datasheet HTML 12Page - Sharp Corporation LS027B7DH01 Datasheet HTML 13Page - Sharp Corporation LS027B7DH01 Datasheet HTML 14Page - Sharp Corporation LS027B7DH01 Datasheet HTML 15Page - Sharp Corporation LS027B7DH01 Datasheet HTML 16Page - Sharp Corporation LS027B7DH01 Datasheet HTML 17Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
SPEC No.
LCY-1210401A
MODEL No.
LS027B7DH01
PAGE
10
6.Electrical Characteristics
6-1)TFT LCD Panel Driving Part
Table 7-1 Recommended Operating Condition
VSS(GND)=0V、Ta=+25℃
Item
Code
MIN.
TYP.
MAX.
Unit
Remark
Analog power Supply
VDDA
+
4.8
+
5.0
+
5.5
V
Power supply
voltage
Logi power supply
VDD
+
4.8
+
5.0
+
5.5
V
【
Remark 6-1】
Hi
VIH
+
2.70
+
3.00
※
VDD
V
Input singal
voltage
Lo
VIL
VSS
VSS
VSS+0.15
V
【
Remark 6-2】
※
Can operate below VDD voltage, however, operation around 3V is recommended.
【
Remark 6-1】 Also applicable to EXTMODE=”H”.
【
Remark 6-2】 Applies to SCLK, SI, SCS, DISP, EXTCOMIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com