Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC419K Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC419K
Description  Compact Surface Mounted, Bi-directional Linear Output Type Photocoupler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC419K Datasheet(HTML) 2 Page - Sharp Corporation

  PC419K Datasheet HTML 1Page - Sharp Corporation PC419K Datasheet HTML 2Page - Sharp Corporation PC419K Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PC419K
s Electro-optical Characteristics
( Ta = 25˚C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
V F
IF = 16mA
-
1.2
1.4
V
Reverse current
IR
V R =6V
-
-
10
µ A
Terminal capacitance
Ct1
V = 0, f = 1kHz
-
50
250
pF
Output
Breakdown voltage
V BR
I46 = 100
µ A, IF = 0
120
-
-
V
Collector dark current
Id
V 46 = 100V, I F = 0
-
-
10
nA
R OFF
V 46
F
=0
1010
--
Ω
Terminal capacitance
Ct2
V 46 = 0, f = 1MHz
-
-
25
pF
0
-25
30
0
25
50
75
100
125
40
50
60
20
10
Fig. 1 Forward Current vs.
Ambient Temperature
Ambient temperature T a (˚C)
Ambient Temperature
0
100
-25
50
0
25
50
75
100
125
Fig. 2 Power Dissipation vs.
Ambient temperature T a (˚C)
*3
*3
*3OFF-state resistance
*3ON-state resistance
R ON
IF = 16mA, I 46 = 100
µ A
-
-
200
Ω
Isolation resistance
R ISO
DC500V, 40 to 60% RH
5 x 1010
1011
-
Ω
Floating capacitance
Cf
V = 0, f = 1MHz
-
-
2.5
pF
Turn-on time
t on
IF = 16mA, V46 =5V
RL =50
Ω
--
65
µ s
Turn-off time
t off
--
65
Transfer
charac-
teristics
*3 Applies to forward and reverse directions between terminals 4 and 6.
= 100V, I



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com