Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC419K Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC419K
Description  Compact Surface Mounted, Bi-directional Linear Output Type Photocoupler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC419K Datasheet(HTML) 3 Page - Sharp Corporation

  PC419K Datasheet HTML 1Page - Sharp Corporation PC419K Datasheet HTML 2Page - Sharp Corporation PC419K Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PC419K
Duty ratio
5
5
10
20
100
50
200
500
2
10 -2
5
2
10 -1
5
2
5
Fig. 3 Peak Forward Current vs. Duty Ratio
Fig. 4 Forward Current vs.
Forward Voltage
1.0
0.8
0.6
0.4
0.2
0
- 0.2
- 0.4
- 0.6
- 0.8
200
100
0
- 100
- 200
Output voltage V46 ( mV )
16mA
14mA
2mA
6mA 10mA
Fig. 5 Output Current vs. Output Voltage
100
50
10
1
10
Forward Current
F ( mA )
10
5
2
1
0.5
0.2
100
75
50
25
0
-25
Fig. 7 Relative ON-state Resistance vs.
Ambient Temperature
Ambient temperature T a (˚C)
100
1
10
100
75
50
25
0
Fig. 8 Relative Collector Dark Current vs.
Ambient Temperature
Ambient temperature T a (˚C)
Pulse width <=100
µs
Forward current I
Fig. 6 ON-state Resistance vs.
V46 = 100V
IF =0
1
- 1.0
0.1
50˚C
25˚C
0˚C
0
2
0.5
1.0
1.5
2.0
2.5
3.0
3.5
5
10
20
50
100
200
500
1
- 25˚C
Ta = 75˚C
Forward voltage V F (V)
Ta = 25˚C
10 -3
Ta = 25˚C
IF = 18mA
I46 = 100 µ A
Ta = 25˚C
I46 = 100 µ A
IF = 16mA
10000
5000
2000
1000
1000
10000
1000
10000
1000
Please refer to the chapter “ Precautions for Use ” .
100
q



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com