Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC725 Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC725
Description  High Sensitivity, High Collector-emitter Voltage Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC725 Datasheet(HTML) 3 Page - Sharp Corporation

  PC725 Datasheet HTML 1Page - Sharp Corporation PC725 Datasheet HTML 2Page - Sharp Corporation PC725 Datasheet HTML 3Page - Sharp Corporation PC725 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PC725V
0
0.1
0.2
0.5
1
2
5
10
20
Forward current I F ( mA )
0
0
20
160
12345678
40
60
80
100
120
140
3mA
2mA
1mA
0.7mA
0.5mA
1.5mA
Fig. 6 Collector Current vs.
Collector-emitter Voltage
100
0
50
150
0
25
50
75
100
Fig. 7 Relative Current Transfer Ratio vs.
Ambient Temperature
0
0.2
- 25
0
25
50
75
100
0.4
0.6
0.8
1.0
1.2
10 -9
10 -8
10 -7
10 -6
10 -4
-25
25
0
50
75
100
10 -5
Fig. 9 Collector Dark Current vs.
Ambient Temperature
Fig. 5 Current Transfer Ratio vs.
Forward Current
Collector-emitter voltage V CE (V)
Fig. 8 Collector-emitter Saturation Voltage
vs. Ambient Temperature
Ambient temperature T a (˚C)
Ambient temperature T
(˚C)
Ambient temperature T a (˚C)
L ( k Ω )
1000
500
200
100
50
20
10
5
2
0.02
0.05
0.1 0.2
0.5
1
2
-25
a
VCE = 200V
R BF =
RBE =
VCE =2V
Ta = 25˚C
IF = 5mA
Ta = 25˚C
RBE =
P C ( MAX.)
RBE =
VCE =2V
IF = 1mA
RBE =
IC = 100mA
IF = 20mA
Ta = 25˚C
RBE =
IC = 20mA
VCE =2V
t s
t f
t d
t r
5 000
4 000
3 000
2 000
1 000
Fig.10 Response Time vs. Load Resistance
Load resistance R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com