Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC725 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC725
Description  High Sensitivity, High Collector-emitter Voltage Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC725 Datasheet(HTML) 4 Page - Sharp Corporation

  PC725 Datasheet HTML 1Page - Sharp Corporation PC725 Datasheet HTML 2Page - Sharp Corporation PC725 Datasheet HTML 3Page - Sharp Corporation PC725 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PC725V
Frequency f ( kHz )
-5
0.05 0.1
0.2
0.5
-15
20
10
5
2
1
50
100
-20
-10
0
100
Ω
10
Ω
Fig.10 Frequency Response
Test Circuit for Response Time
VCC
tr
tr
ts
90%
10%
td
Output
Input
RL
RD
Input
Output
Test Circuit for Frepuency Response
VCC
RD
Output
RL
Please refer to the chapter “Precautions for Use ”
RL =1k Ω
Ta = 25˚C
RBE =
IC = 20mA
.
VCE =2V
q



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com