Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMLB-Z Datasheet(PDF) 2 Page - AIMTEC

Part # AMLB-Z
Description  Up to 700mA | Step Up LED Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMLB-Z Datasheet(HTML) 2 Page - AIMTEC

  AMLB-Z Datasheet HTML 1Page - AIMTEC AMLB-Z Datasheet HTML 2Page - AIMTEC AMLB-Z Datasheet HTML 3Page - AIMTEC AMLB-Z Datasheet HTML 4Page - AIMTEC AMLB-Z Datasheet HTML 5Page - AIMTEC AMLB-Z Datasheet HTML 6Page - AIMTEC AMLB-Z Datasheet HTML 7Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Series AMLB-Z
Up to 700mA | Step Up LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.A
2 of 7
North America only
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Operating frequency
Depending on the model
360-380
KHz
Operating temperature
AMLB-3615Z
-40 to +85
oC
AMLB-3625Z; AMLB-3630Z
-40 to +80 (Vin 9-18V) / -40 to +85 (Vin 18-36V)
AMLB-3635Z
-40 to +75 (Vin 9-18V) / -40 to +85 (Vin 18-36V)
AMLB-3650Z
-40 to +70 (Vin 9-18V) / -40 to +80 (Vin 18-36V)
AMLB-3660Z; AMLB-3670Z
-40 to +70 (Vin 9-18V) / -40 to +75 (Vin 18-36V)
Storage temperature
-55 to +125
oC
Maximum case temperature
100
oC
Thermal Impedance
Depending on the model
+13.7 to +17
oC/W
Cooling
Free air convection
Humidity
95
% RH
Case material
Non-Conductive Black Plastic (UL94-V0 rated)
Weight
38
g
Dimensions (L x W x H)
2.03 x 1.03 x 0.62 inches
51.50 x 26.10 x 15.80 mm
MTBF
> 860 000hrs (MIL-HDBK-217 F at +25
oC/Vin=9V,Vout=38V)
Maximum Soldering Temperature
1.5mm from case for 10sec.
260
oC
NOTES:
1. To prevent burning out the driver, the output voltage must be 5.0VDC higher than the input voltage
2. Do NOT exceed the maximum power ratings on each model
3. With output ripple being rather low, it is recommended not to increase the additional output capacitor so s not to increase the delay while starting up
under cool start conditions
4. This series offers protection in case the output is shorted. After the short occurs, thDe input current will be cut off and recovers when the short is removed
5. The reference value of under voltage protection (7.6V) means that under the condition of cool start and full discharge of output, the protection starts when
input voltage is lower than 7.6V
6. Note: PWM dimming means PWM signals are converted into mimic analog voltage by internal circuits and then do the dimming. The advantage of this
approach is to reduce the EMI
Safety Specifications
Parameters
Standards
NOTE: Designed to meet EN 55022 Class B, IEC/EN 60950-1 , UL8750, IEC/EN 61347-2-13
Pin Out Specifications
Pin
Single
1
+Vi
+ DC Supply
2
DIM
PWM/Analog Dimming Control
3
ON/OFF
Remote ON/OFF
4
-Vi
-DC Supply
5
+LED
LED Anode connection
6
-LED
LED Cathode connection



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com