Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMLB-Z Datasheet(PDF) 3 Page - AIMTEC

Part # AMLB-Z
Description  Up to 700mA | Step Up LED Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMLB-Z Datasheet(HTML) 3 Page - AIMTEC

  AMLB-Z Datasheet HTML 1Page - AIMTEC AMLB-Z Datasheet HTML 2Page - AIMTEC AMLB-Z Datasheet HTML 3Page - AIMTEC AMLB-Z Datasheet HTML 4Page - AIMTEC AMLB-Z Datasheet HTML 5Page - AIMTEC AMLB-Z Datasheet HTML 6Page - AIMTEC AMLB-Z Datasheet HTML 7Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Series AMLB-Z
Up to 700mA | Step Up LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.A
3 of 7
North America only
Operating Temperature
Free Air Convection
-
40
-
20
0
2040
6080
100
100
80
60
40
20
0
Safe Operating Area
85
Ambient Temperature
º C
70
AMLB-3660Z (Vin:9V-18V)
AMLB-3670Z (Vin:9V-18V)
75
AMLB-3660Z (Vin:18V-36V)
AMLB-3670Z (Vin:18V-36V)
AMLB-3615Z
AMLB-3625Z (Vin:18V-36V)
AMLB-3630Z (Vin:18V-36V)
AMLB-3635Z (Vin: 18V-36V)
AMLB-3625Z (Vin:9V-18V)
AMLB-3630Z (Vin:9V-18V)
AMLB-3650Z (Vin:18V-36V)
AMLB-3635Z (Vin:9V-18V)
AMLB-3650Z (Vin:9V-18V)
Dimensions
Mechanical Tolerances
Case tolerance ± 0.5mm or ± 0.02 inches
Pin diameter 1.0 ± 0.05mm or 0.04 ± 0.002 inches
Pin Pitch tolerance: ± 0.35 or ± 0.014



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com