Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC844 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC844
Description  AC Input Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC844 Datasheet(HTML) 2 Page - Sharp Corporation

  PC844 Datasheet HTML 1Page - Sharp Corporation PC844 Datasheet HTML 2Page - Sharp Corporation PC844 Datasheet HTML 3Page - Sharp Corporation PC844 Datasheet HTML 4Page - Sharp Corporation PC844 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PC814 Series
*3 For 10 seconds
*4 Classification table of current transfer ratio
Parameter
Symbol
Conditions
Forward voltage
V F
IF = ± 20mA
Peak forward voltage
V FM
IFM = ± 0.5V
Terminal capacitance
Ct
V = 0, f = 1kHz
Collector dark current
ICEO
V CE = 20V, I F =0
Transfer
charac-
teristics
*4Current transfer ratio
CTR
IF = ± 1mA, V CE =5V
Collector-emitter saturation voltage
V CE(sat)
IF = ± 20mA, I C = 1mA
Isolation resistance
R ISO
Floating capacitance
V = 0, f = 1MHz
Cut-off frequency
fc
t r
V CE = 2V, I C = 2mA, R L =
100
tf
MIN.
TYP.
MAX.
Unit
-
1.2
1.4
V
-
-
3.0
V
-
50
250
pF
--
10 -7
A
20
-
300
%
-
0.1
0.2
V
5x 1010
1011
-
0.6
1.0
pF
15
80
-
kHz
-
-
418
µ s
-3
18
µ s
( Ta = 25˚C)
s Absolute Maximum Ratings
( Ta = 25˚C)
Cf
VCE = 5V, I C = 2mA, R L = 100
Ω, - 3dB
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
± 50
mA
*1Peak forward current
I FM
±1
A
Power dissipation
P
70
mW
Output
Collector-emitter voltage
V CEO
35
V
Emitter-collector voltage
V ECO
6V
Collector current
IC
50
mA
Collector power dissipation
P C
150
mW
Total power dissipation
P tot
200
mW
*2Isolation voltage
V iso
Operating temperature
T opr
- 30 to + 100
˚C
Storage temperature
T stg
- 55 to + 125
˚C
*3Soldering temperature
T sol
260
˚C
*1 Pulse width <=100
µs, Duty ratio : 0.001
s Electro-optical Characteristics
Model No.
Rank mark
PC814A
A
50 to 150
PC824A
PC844A
PC814
A or no mark
20 to 300
PC824
PC844
Response time
Rise time
Fall time
Input
Output
CTR ( % )
5 000
*2 40 to 60% RH, AC for 1 minute
DC500V, 40 to 60% RH
V rms



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com