Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC844 Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC844
Description  AC Input Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC844 Datasheet(HTML) 3 Page - Sharp Corporation

  PC844 Datasheet HTML 1Page - Sharp Corporation PC844 Datasheet HTML 2Page - Sharp Corporation PC844 Datasheet HTML 3Page - Sharp Corporation PC844 Datasheet HTML 4Page - Sharp Corporation PC844 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Duty ratio
5
5
10
20
100
50
200
500
2
10 -3
10 -2
5
2
10 -1
5
2
5
Fig. 3 Peak Forward Current vs. Duty Ratio
0.1
0.5
0.2
12
5
10
0
20
50
60
80
100
120
140
20
40
0
0
Collector-emitter voltage V CE (V)
10
2
20
30
468
10
20mA
10mA
5mA
1mA
Fig. 6 Collector Current vs.
Collector-emitter Voltage
Forward current I F ( mA )
0
-30
10
0
25
50
75
100
125
20
30
40
50
60
Ambient temperature T a (˚C)
PC814 Series
25˚C
0˚C
0
1
2
0.5
1.0
1.5
2.0
2.5
3.0
5
10
20
50
100
200
500
50˚C
Fig. 4 Forward Current vs. Forward Voltage
- 25˚C
Forward voltage V F (V)
0
0
125
100
200
50
150
25
50
75
100
Ambient Temperature
-30
Fig. 2 Collector Power Dissipation vs.
a (˚C)
Fig. 1 Forward Current vs. Ambient
Temperature
Pulse width <=100
µs
Fig. 5 Current Transfer Ratio vs. Forward
Current
Ambient temperature T
1
Ta = 25˚C
V CE =5V
Ta = 25˚C
Ta = 25˚C
PC(MAX. )
I F =
30mA
Ta = 75˚C
10 000
5 000
2 000
1 000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com